전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VG26VS17400E 데이터시트(PDF) 1 Page - Vanguard International Semiconductor

부품명 VG26VS17400E
상세설명  4,194,304 x 4 - Bit CMOS Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VML [Vanguard International Semiconductor]
홈페이지  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26VS17400E 데이터시트(HTML) 1 Page - Vanguard International Semiconductor

  VG26VS17400E Datasheet HTML 1Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 2Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 3Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 4Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 5Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 6Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 7Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 8Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Document : 1G5-0142
Rev.1
Page 1
VIS
VG26(V)(S)17400E
4,194,304 x 4 - Bit
CMOS Dynamic RAM
Description
The device is CMOS Dynamic RAM organized as 4,194,304 words x 4 bits. It is fabricated
with an advanced submicron CMOS technology and designed to operate from a single 5V only
or 3.3V only power supply. Low voltage operation is more suitable to be used on battery
backup, portable electronic application. A new refresh feature called “ self-refresh “ is supported
and very slow CBR cycles are being performed. It is packaged in JEDEC standard 26/24 - pin
plastic SOJ or TSOP (II).
Features
• Single 5V (
%) or 3.3V (
%) only power supply
• High speed tRAC access time : 50/60 ns
• Low power dissipation
- Active mode :
5V version 605/550 mW (Max.)
3.3V version 396/360 mW (Max.)
- Standby mode :
5V version 1.375 mW (Max.)
3.3V version 0.54 mW (Max.)
• Fast Page Mode access
• I/O level : TTL compatible (Vcc = 5V)
LVTTL compatible (Vcc = 3.3V)
• 2048 refresh cycles in 32 ms (Std) or 128ms (S - version)
• 4 refresh mode :
- RAS only refresh
- CAS-before-RAS refresh
- Hidden refresh
- Self - refresh (S - version)
10
±
10
±


유사한 부품 번호 - VG26VS17400E

제조업체부품명데이터시트상세설명
logo
Vanguard International ...
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

유사한 설명 - VG26VS17400E

제조업체부품명데이터시트상세설명
logo
Vanguard International ...
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com