전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSGM150100 데이터시트(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSGM150100
상세설명  Dual In-line Package Type Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSGM150100 데이터시트(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSGM150100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dual-in-line
Package Type
243
Detector
Push
Slide
Rotary
Encoders
Power
TACT Switch
TM
Custom-
Products
2 to 10 Circuits-designed
SSGM Series
Dual In-line Package Type Switches
A
L
2.54
1.5
0.6
2.54
PC board mounting face
Terminal No.9
7.62
10
˚±
0.25
1
0.8
6.8
A
L
B
B
1.5
0.6
2.54
PC board mounting face
Terminal No.9
6.8
0.25
7.62
10˚
±5˚
B-B
Travel
1.5
2.54
0.6
1
Terminal No.9
L
A
PC board mouting face
10.7
7.62
1.2
1.2
6.8
0.8
1
0.6
2.54
1
Terminal No.9
L
B
A
PC board mounting face
1.2
1.2
10.7
7.62
6.8
B-B
Travel
B
Number of Poles and Outline Dimension
(L)
Circuit Diagram
(Viewed from Direction A)
Number of poles
(N)
L
(mm)
2
6.9
9.4
11.9
14.5
17
19.6
22.1
24.6
27.2
3
4
5
6
7
8
9
10
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from the direction A)
No.
1
2
3
4
12 3 4 5 6 7 8
9
!11
!3 !4
!2
!0
!5 !6
N-ø1 hole
2.54
2.54
2.54
2.54
2.54
2.54
2.54
N-ø1 hole
2.54
2.54
2.54
2.54
2.54
2.54
2.54
P=2.54
1.1
P=2.54
1.1
Standard
Flat
Standard
Flat


유사한 부품 번호 - SSGM150100

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSGM150100 ALPS-SSGM150100 Datasheet
755Kb / 5P
   2 to 10 Circuits-designed Type
More results

유사한 설명 - SSGM150100

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
List of Unclassifed Man...
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
   Dual In Line Switches - Piano Type
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
   Single In-line Package Switches
logo
C&K Components
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
   Single In-line Package Switches
26 Aug 20
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
   Single In-line Package Switches
2006
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
   Single In-line Package Switches
logo
List of Unclassifed Man...
SBS1002T ETC2-SBS1002T Datasheet
1Mb / 1P
   Dual-in-line Switches
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
List of Unclassifed Man...
MCEIR-08 ETC2-MCEIR-08 Datasheet
128Kb / 5P
   Dual In Line Switches - End Stackable
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com