전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17303Q5 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD17303Q5
상세설명  30V N-Channel NexFET??Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CSD17303Q5 데이터시트(HTML) 6 Page - Texas Instruments

  CSD17303Q5 Datasheet HTML 1Page - Texas Instruments CSD17303Q5 Datasheet HTML 2Page - Texas Instruments CSD17303Q5 Datasheet HTML 3Page - Texas Instruments CSD17303Q5 Datasheet HTML 4Page - Texas Instruments CSD17303Q5 Datasheet HTML 5Page - Texas Instruments CSD17303Q5 Datasheet HTML 6Page - Texas Instruments CSD17303Q5 Datasheet HTML 7Page - Texas Instruments CSD17303Q5 Datasheet HTML 8Page - Texas Instruments CSD17303Q5 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M0140-01
E1
q
L
K
L
E1
E2
TopView
BottomView
FrontView
SideView
q
c1
CSD17303Q5
SLPS246A – JANUARY 2010 – REVISED FEBRUARY 2010
www.ti.com
MECHANICAL DATA
Q5 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.950
1.050
0.037
0.039
b
0.360
0.460
0.014
0.018
c
0.150
0.250
0.006
0.010
c1
0.150
0.250
0.006
0.010
D1
4.900
5.100
0.193
0.201
D2
4.320
4.520
0.170
0.178
E
4.900
5.100
0.193
0.201
E1
5.900
6.100
0.232
0.240
E2
3.920
4.12
0.154
0.162
e
1.27 TYP
0.050
K
0.760
0.030
L
0.510
0.710
0.020
0.028
q
0.00
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CSD17303Q5


유사한 부품 번호 - CSD17303Q5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17303Q5 TI1-CSD17303Q5 Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
More results

유사한 설명 - CSD17303Q5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com