전자부품 데이터시트 검색엔진 |
|
BA3474F 데이터시트(PDF) 3 Page - Rohm |
|
BA3474F 데이터시트(HTML) 3 Page - Rohm |
3 / 5 page 3/4 REV. D F:SOP14 FV:SSOP-B14 BA3474FV(SSOP-B14) (Unit:[mm]) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUT1 -IN1 +IN1 VCC +IN2 -IN2 OUT2 OUT4 -IN4 +IN4 VEE +IN3 -IN3 OUT3 CH4 - + CH3 - + CH1 + - CH2 + - BA3474F(SOP14) (Unit:[mm]) ○ Physical Dimensions ○Block diagram ○Pin No. ・Pin Name ○Application example (1) Absolute maximum ratings Absolute maximum ratings are the values which indicate the limits, within which the given voltage range can be safely charged to the terminal. However, it does not guarantee the circuit operation. (2) The example of disabled circuit application When there is a circuit not in use, it is recommended to make the non-inverting input terminal be the potential in the common-mode input voltage range like in Fig.1. Circuit operation is guaranteed within “Operating Conditions”. (3) Applied voltage to the input terminal For normal circuit operation of comparator, please input voltage for its input terminal within input common mode voltage VCC-1.5[V]. Then, regardless of power supply voltage,VEE+36[V] can be applied to input terminals without deterioration or destruction of its characteristics. (4) Operating power supply (split power supply/single power supply) The OP-Amp operates if a given level of voltage is applied between VCC and VEE. Therefore, the OP-Amp can be operated under single power supply or split power supply. Pin No. Pin Name 1 OUT1 2 -IN1 3 +IN1 4 VCC 5 +IN2 6 -IN2 7 OUT2 8 OUT3 9 -IN3 10 +IN3 11 VEE 12 +IN4 13 -IN4 14 OUT4 + - VCC co nne ct to Vi cm VE E Fig.1 The example of disabled circuit |
유사한 부품 번호 - BA3474F |
|
유사한 설명 - BA3474F |