전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA4558F 데이터시트(PDF) 9 Page - Rohm

부품명 BA4558F
상세설명  Operational Amplifiers: Low Noise
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA4558F 데이터시트(HTML) 9 Page - Rohm

Back Button BA4558F_09 Datasheet HTML 5Page - Rohm BA4558F_09 Datasheet HTML 6Page - Rohm BA4558F_09 Datasheet HTML 7Page - Rohm BA4558F_09 Datasheet HTML 8Page - Rohm BA4558F_09 Datasheet HTML 9Page - Rohm BA4558F_09 Datasheet HTML 10Page - Rohm BA4558F_09 Datasheet HTML 11Page - Rohm BA4558F_09 Datasheet HTML 12Page - Rohm BA4558F_09 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
9/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERTURE [℃] .
BA4560 family
(*) The above data is ability value of sample, it is not guaranteed.
0.0
2.0
4.0
6.0
8.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0.0
2.0
4.0
6.0
8.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-6
-4
-2
0
2
4
6
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-40℃
85℃
25℃
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-40℃
25℃
85℃
±4V
±7.5V
±15V
±15V
±7.5V
±4V
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
VOH
BA4560F
BA4560 family
25℃
85℃
BA4560 family
-40℃
BA4560 family
±15V
±7.5 V
-20
-15
-10
-5
0
5
10
15
20
±2
±4
±6
±8 ±10 ±12 ±14 ±16 ±18
SUPPLY VOLTAGE [V]
VOH
VOH
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
VOL
VOL
VOL
VOL
VOH
BA4560 family
BA4560 family
BA4560 family
BA4560 family
BA4560 family
BA4560 family
BA4560 family
BA4560 family
BA4560 family
±4 V
AMBIENT TEMPERATURE[℃]
Input Offset Voltage – Supply Voltage
(Vicm=0[V],Vout=0[V])
Derating Curve
Input Offset Voltage – Ambient Temperature
(Vicm=0[V],Vout=0[V])
Input Bias Current – Ambient Temperature
(Vicm=0[V],Vout=0[V])
Input Bias Current – Supply Voltage
(Vicm=0[V],Vout=0[V])
Maximum Output Voltage
– Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Maximum Output Voltage Swing
– Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Maximum Output Voltage
– Supply Voltage
(RL=2[kΩ],Ta=25[℃])
Maximum Output Voltage
– Ambient Temperature
(VCC/VEE=+15[V]/-15[V],RL=2[kΩ])
Maximum Output Voltage
– Output Current
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Fig. 23
Fig. 24
Fig. 25
Fig. 26
Fig. 27
Fig. 28
Fig. 29
Fig. 30
Fig. 31
Fig. 32
Fig. 33
Fig. 34


유사한 부품 번호 - BA4558F_09

제조업체부품명데이터시트상세설명
logo
Rohm
BA4558F-DXE1 ROHM-BA4558F-DXE1 Datasheet
290Kb / 3P
   Design support Document
BA4558F-DXE2 ROHM-BA4558F-DXE2 Datasheet
290Kb / 3P
   Design support Document
BA4558F-DXTL ROHM-BA4558F-DXTL Datasheet
290Kb / 3P
   Design support Document
BA4558F-DXTR ROHM-BA4558F-DXTR Datasheet
290Kb / 3P
   Design support Document
BA4558F-E2 ROHM-BA4558F-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
More results

유사한 설명 - BA4558F_09

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com