전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6920FP-Y 데이터시트(PDF) 5 Page - Rohm

부품명 BA6920FP-Y
상세설명  DC Brush Motor Driver for Paper Feed or Carriage Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6920FP-Y 데이터시트(HTML) 5 Page - Rohm

  BA6920FP-Y_05 Datasheet HTML 1Page - Rohm BA6920FP-Y_05 Datasheet HTML 2Page - Rohm BA6920FP-Y_05 Datasheet HTML 3Page - Rohm BA6920FP-Y_05 Datasheet HTML 4Page - Rohm BA6920FP-Y_05 Datasheet HTML 5Page - Rohm BA6920FP-Y_05 Datasheet HTML 6Page - Rohm BA6920FP-Y_05 Datasheet HTML 7Page - Rohm BA6920FP-Y_05 Datasheet HTML 8Page - Rohm BA6920FP-Y_05 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/8
●IC Operation
BA6920FP-Y(BA6219BFP-Y)
1) I/O mode of input block FIN (IN1) and RIN (IN2)
A pin where control signals are input. Each mode operates as explained below.
When the FIN (IN1) is set to high and RIN (IN2) is set to low, the forward rotation mode will be set and a current will flow from OUT1 to
OUT2. When the FIN (IN1) is set to low and RIN (IN2) is set to high, the reverse rotation mode will be set and a current will flow from
OUT2 to OUT1. When both FIN (IN1) and RIN (IN2) are set to high, the brake mode will be set. At that time, the output transistor on the
high side will be turned off to stop the supply of the motor drive current while the output transistor on the low side will be turned on to
absorb the motor back EMF to brake the motor. When both FIN (IN1) and RIN (IN2) are set to low, OUT1 and OUT2 will be both open
potential and the motor will stop.
2) High output voltage setting function
With this function, the output voltage can be set through the high output voltage setting pin in order to control the rotation speed of the
motor. If the high output voltage is set to a lower value, the power consumption of the IC will become high. Consider the power
dissipation (Pd) of the IC under actual operating conditions, and implement thermal designing with a sufficient margin.
2-1. BA6219BF-Y (See Fig.14)
High output voltage is expressed by the following equation.
VoutH (high output voltage) = VR + {VF(Q5) + VF (Q6) + VF (Q7) - VF (Q2) -VF (Q3) - VF (Q4)}
≒VR +ΔVF
(VF is the base-emitter voltage in the forward direction)
Although ΔVF depends on the output current, Vo is almost VR.
The maximum value VoutHmax of high output voltage that can be set is as follows.
VoutHmax < VCC1 - Vsat (Q1) - VF (Q2) - VF (Q3) - VF (Q4)
≒VCC1 - 2.5 V
Relation of VCC1, VCC2, and VR
VCC1, VCC2, and VR should be set as follows.
VR < VCC2 - Vsat (Q3) + VF (Q3) + VF (Q2) - {VF (Q5) + (Q6) + (Q7)}
≒VCC2 - 1 V
Operating Conditions
Pin
Voltage
Unit
VCC1
8 ~ 18
V
VCC2
8 ~ 18
V
VR
Shown above
-
2-2. BA6920FP-Y (See Fig. 16)
High output voltage is expressed by the following equation:
VoutH (high output voltage) = Vref voltage + {VF (Q2) + VF( Q3)} - {VF(Q4) + VF (Q5)}
≒Vref voltage +ΔVF
(VF is the base-emitter voltage in the forward direction)
Although ΔVF depends on the output current, Vo is almost VR.
The VOH is beyond control if the Vref value is higher than the above, and determined
by the voltage condition of VCC and VM.
For example, when Vref = VCC
= VM,
VOH≒VCC - Vsat (Q1) - VF (Q4) -VF (Q5)
≒VCC - 1.7 V
Relation of VCC, VM, and VREF
VCC1, VCC2, and VR should be set as follows.
VREF < VM - Vsat (Q5) + VF (Q5) + VF (Q4) - {VF (Q2) + (Q3)}
≒ VM - 0.3 V
Operating conditions
pin
Voltage
Unit
VCC
6.5 ~ 34
V
VM
6.5 ~ 34
V
VREF
Shown above
-
3 ) Selection of forward or reverse rotation
To change the rotation direction of the motor in operation, be sure to brake or open the motor current on time.
In the above case,
Braking: The braking time or over. The braking time is defined as the time of setting the output low level voltage to the GND
potential or below, when the brake operates.
Opening: A period of 1 ms or over is recommended.
Fig.15
Output Voltage Control Range
VR (VREF) voltage
High output voltage
VCC1
VCC2
Q1
Q2
Q5
Q6
Q7
Q3
Q4
OUT
VR
Fig.14
Q1
Q2
Q3
Q4
Q5
OUT
VREF
VM
VCC
Fig.16


유사한 부품 번호 - BA6920FP-Y_05

제조업체부품명데이터시트상세설명
logo
Rohm
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
More results

유사한 설명 - BA6920FP-Y_05

제조업체부품명데이터시트상세설명
logo
Rohm
BD6222HFP ROHM-BD6222HFP Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6211F ROHM-BD6211F Datasheet
265Kb / 5P
   H-bridge driver for DC brush motor
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6232HFP ROHM-BD6232HFP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6212HFP ROHM-BD6212HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6222FP ROHM-BD6222FP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com