전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6956AN 데이터시트(PDF) 8 Page - Rohm

부품명 BA6956AN
상세설명  Reversible motor drivers (1A series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6956AN 데이터시트(HTML) 8 Page - Rohm

Back Button BA6956AN Datasheet HTML 4Page - Rohm BA6956AN Datasheet HTML 5Page - Rohm BA6956AN Datasheet HTML 6Page - Rohm BA6956AN Datasheet HTML 7Page - Rohm BA6956AN Datasheet HTML 8Page - Rohm BA6956AN Datasheet HTML 9Page - Rohm BA6956AN Datasheet HTML 10Page - Rohm BA6956AN Datasheet HTML 11Page - Rohm BA6956AN Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BA6285FS
Fig.29 BA6285FS
Table 3 BA6285FS
Pin
Name
Function
1
GND
GND
2
NC
NC
3
OUT1
Driver output
4
VM
Power supply (driver stage)
5
VCC
Power supply (small signal)
6
FIN
Control input (forward)
7
NC
NC
8
PS
Power save enable pin
9
NC
NC
10
NC
NC
11
RIN
Control input (reverse)
12
VREF
Reference voltage setting pin
13
NC
NC
14
OUT2
Driver output
15
NC
NC
16
RNF
Power ground
ZD
C2
C1
R2
R1
M
C3
VCC
5
4
14
3
6
11
CTRL
TSD
FIN
RIN
VM
VCC
OUT1
OUT2
12
VREF
16
RNF
8
POWER
SAVE
1
GND
Fig.30 BA6285FS (SSOP-A16)
GND
NC
OUT1
VM
VCC
FIN
NC
PS
RNF
NC
OUT2
NC
VREF
RIN
NC
NC


유사한 부품 번호 - BA6956AN

제조업체부품명데이터시트상세설명
logo
Rohm
BA6956AN ROHM-BA6956AN Datasheet
278Kb / 5P
   Silicon Monolithic Intergrated Circuit(Reversible Motor Driver)
BA6956AN ROHM-BA6956AN Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

유사한 설명 - BA6956AN

제조업체부품명데이터시트상세설명
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com