전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7657F 데이터시트(PDF) 9 Page - Rohm

부품명 BA7657F
상세설명  Broadband Triple Circuits Video Signal Switchers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7657F 데이터시트(HTML) 9 Page - Rohm

Back Button BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm BA7657F Datasheet HTML 10Page - Rohm BA7657F Datasheet HTML 11Page - Rohm BA7657F Datasheet HTML 12Page - Rohm BA7657F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Electrical characteristics
BH7659FS
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
●Guaranteed design parameters
BH7659FS
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Entire device〉
Circuit current
ICC
15
25
35
mA
Circuit current during power
save
IPSV
7
14
22
mA
PS=”H”
R,G,B video SW〉
Voltage gain
GV
-1.0
-0.5
0
dB
f=10MHz
Interchannel relative gain
GVC
-0.5
0
0.5
dB
f=10MHz
Interblock relative gain
GVB
-0.5
0
0.5
dB
f=10MHz
Output dynamic range
VOM
2.6
VP-P
f=1kHz
C-MOS analog SW〉
On-resistance
RON
200
400
Ω
VIN=2.5V
Interchannel ON resistance
differential
RON
20
40
Ω
VIN=2.5V
Interchannel cross talk
CT
-70
-55
dB
f=150kHz
Transmission delay time
tD
20
ns
RL=100Ω,CL=50pF
Control block〉
“H” level voltage
VH
3.5
V
“L” level voltage
VL
1.5
V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
R/G/B video SW〉
Frequency characteristics 1
f1
-3.0
0
+1.0
dB
f=50MHz
Frequency characteristics 2
f2
-6.0
-3
-1.0
dB
f=250MHz
Interchannel relative frequency
characteristics
fC
-0.5
0
0.5
dB
f=50MHz
Interblock relative frequency
characteristics
fB
-0.5
0
0.5
dB
f=50MHz
Interchannel cross talk 1
CTC1
-50
-35
dB
f=50kHz
Interchannel cross talk 2
CTC2
-30
-15
dB
f=250MHz
Interblock cross talk 1
CTB1
-50
-35
dB
f=50MHz
Interblock cross talk 2
CTB2
-30
-15
dB
f=250MHz


유사한 부품 번호 - BA7657F

제조업체부품명데이터시트상세설명
logo
Rohm
BA7657F ROHM-BA7657F Datasheet
164Kb / 13P
   Input selector switch for high definition displays
BA7657F ROHM-BA7657F Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
BA7657F ROHM-BA7657F_1 Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
More results

유사한 설명 - BA7657F

제조업체부품명데이터시트상세설명
logo
Rohm
BA7657F ROHM-BA7657F_1 Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
   Broadband Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
   Triple Circuits Video Signal Switchers
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
   Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com