전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3506EFV 데이터시트(PDF) 3 Page - Rohm

부품명 BD3506EFV
상세설명  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3506EFV 데이터시트(HTML) 3 Page - Rohm

  BD3506EFV Datasheet HTML 1Page - Rohm BD3506EFV Datasheet HTML 2Page - Rohm BD3506EFV Datasheet HTML 3Page - Rohm BD3506EFV Datasheet HTML 4Page - Rohm BD3506EFV Datasheet HTML 5Page - Rohm BD3506EFV Datasheet HTML 6Page - Rohm BD3506EFV Datasheet HTML 7Page - Rohm BD3506EFV Datasheet HTML 8Page - Rohm BD3506EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
ELECTRICAL CHARACTERISTICS
BD3506F/BD3506EFV
ELECTRICAL CHARACTERISTICS
(unless otherwise noted, Ta=25℃ VCC=5V Ven=3V VIN=1.8V R1=3.9KΩ R2=3.3KΩ
)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Bias Current
ICC
-
0.7
1.4
mA
Bias current
IST
-
0
10
uA
Ven=0V
Shut-Down Mode Current
VOUT
-
1.200
-
V
Io=50mA
Output Voltage
Io
2.5
-
-
A
Maximum Output Current
Iost
-
2.0
-
A
Vo=0V
Maximum Short Current
Tcvo
-
0.01
-
%/℃
Temperature coefficient of Output
Voltage
VFB1
0.643
0.650
0.657
V
Io=50mA
Feed Back Voltage 1
VFB2
0.630
0.650
0.670
V
Io=0 to 2A, Ta=-10 to 100℃ *
5
Feed Back Voltage 2
Reg.l1
-
0.1
0.5
%/V
VCC=4.3V to 5.5V
Line Regulation 1
Reg.l2
-
0.1
0.5
%/V
VIN=1.2V to 3.3V
Line Regulation 2
Reg.L
-
0.5
10
mV
Io=0 to 2A
Dropout Voltage (BD3506F)
dVo
-
120
200
mV
Io=1A,VIN=1.2V, Ta=-10 to 100℃ *
5
Dropout Voltage (BD3506EFV)
dVo
-
100
160
mV
Io=1A,VIN=1.2V, Ta=-10 to 100℃ *
5
Standby Discharge Current
Iden
150
-
-
mA
Ven=0V, Vo=1V
[Enable]
High level Enable Input Voltage
Enhi
2
-
5.5
V
Low level Enable Input Voltage
Enlow
-0.3
-
0.8
V
Enable pin Input Current
Ien
-
7
10
uA
Ven=3V
[Voltage Feed Back]
Feed Back terminal Bias Current
IFB
-100
0
100
nA
[NRCS]
NRCS Charge Current
Inrcs
14
20
26
uA
Vnrcs=0.5V
NRCS Standby Voltage
VSTB
-
0
50
mV
Ven=0V
[UVLO]
VCC UVLO
VCCUVLO
4.00
4.15
4.30
V
Vcc:Sweep-up
VCC UVLO Hysterisis
Vcchys
100
160
220
mV
Vcc:Sweep-down
*5 Design Guarantee


유사한 부품 번호 - BD3506EFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3506EFV ROHM-BD3506EFV Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
More results

유사한 설명 - BD3506EFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com