전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3522EFV 데이터시트(PDF) 3 Page - Rohm

부품명 BD3522EFV
상세설명  Ultra Low Dropout Linear Regulators(4A) for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3522EFV 데이터시트(HTML) 3 Page - Rohm

  BD3522EFV Datasheet HTML 1Page - Rohm BD3522EFV Datasheet HTML 2Page - Rohm BD3522EFV Datasheet HTML 3Page - Rohm BD3522EFV Datasheet HTML 4Page - Rohm BD3522EFV Datasheet HTML 5Page - Rohm BD3522EFV Datasheet HTML 6Page - Rohm BD3522EFV Datasheet HTML 7Page - Rohm BD3522EFV Datasheet HTML 8Page - Rohm BD3522EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/20
●Electrical Characteristics (Unless otherwise specified, Ta=25℃, VCC=5V, VEN=3V, VIN=1.7V, R1=3.9kΩ, R2=3.3kΩ)
BD3522EFV
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Bias Current
ICC
-
1.4
2.2
mA
VCC Shutdown Mode Current
IST
-
0
10
μA
VEN=0V
Output Voltage
IO
4.0
-
-
A
Feedback Voltage 1
VFB1
0.643
0.650
0.657
V
Feedback Voltage 2
VFB2
0.637
0.650
0.663
V
Tj=-10 to 100℃
Line Regulation 1
REG.l1
-
0.1
0.5
%/V
VCC=4.3V to 5.5V
Line Regulation 2
REG.l2
-
0.1
0.5
%/V
VIN=1.2V to 3.3V
Load Regulation
REG.L
-
0.5
10
mV
IO=0 to 4A
Output ON Resistance
Ron
-
28
50
IO=4A,VIN=1.2V
Tj=-10 to 100℃
Standby Discharge Current
IDEN
1
-
-
mA
VEN=0V, VO=1V
[ENABLE]
Enable Pin
Input Voltage High
ENHIGH
2
-
-
V
Enable Pin
Input Voltage Low
ENLOW
-0.2
-
0.8
V
Enable Input Bias Current
IEN
-
6
10
μA
VEN=3V
[FEEDBACK]
Feedback Pin Bias Current
IFB
-100
0
100
nA
[NRCS]
NRCS Charge Current
INRCS
12
20
28
μA
NRCS Standby Voltage
VSTB
-
0
50
mV
VEN=0V
[UVLO]
VCC Undervoltage Lockout
Threshold Voltage
VCCUVLO
3.5
3.8
4.1
V
VCC:Sweep-up
VCC Undervoltage Lockout
Hysteresis Voltage
VCCHYS
100
160
220
mV
VCC:Sweep-down
VD Undervoltage Lockout
Threshold Voltage
VDUVLO VREF×0.6 VREF×0.7 VREF×0.8
V
VD:Sweep-up
[SCP]
SCP Start up Voltage
VOSCP
VO×0.3
VO×0.4
VO×0.5
V
VFB=0, VGATE=2.5V
SCP Threshold Voltage
VSCPTH
1.05
1.15
1.25
V
VFB=VCC, VGATE=2.5V
Charge Current
ISCP
2
4
6
μA
Standby Voltage
VSCPSTBY
-
-
50
mV


유사한 부품 번호 - BD3522EFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
BD3522EFV-E2 ROHM-BD3522EFV-E2 Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
More results

유사한 설명 - BD3522EFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com