전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3825FS 데이터시트(PDF) 1 Page - Rohm

부품명 BD3825FS
상세설명  PAL Audio I/O Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3825FS 데이터시트(HTML) 1 Page - Rohm

  BD3825FS Datasheet HTML 1Page - Rohm BD3825FS Datasheet HTML 2Page - Rohm BD3825FS Datasheet HTML 3Page - Rohm BD3825FS Datasheet HTML 4Page - Rohm BD3825FS Datasheet HTML 5Page - Rohm BD3825FS Datasheet HTML 6Page - Rohm BD3825FS Datasheet HTML 7Page - Rohm BD3825FS Datasheet HTML 8Page - Rohm BD3825FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL NOTE
Video/Audio Interfaces for TV and DVD Recorders
PAL Audio
I/O Interface
BD3825FS
Description
BD3825FS is an audio signal switch IC used for PAL DVD-Recorders. BD3825FS supports six input lines which are
controlled by the I
2C-BUS of video signal LSI BH7624KS2. In addition, BD3825FS has two built-in Function Switch features.
Features
1)
Vcc = ±5V (for Audio signal), +12V (for Function SW)
Audio SW (C-MOS analog switch configuration)
2)
3 inputs - 1output SW, (2 circuits built-in with MUTE function)
3)
2 inputs - 1output SW, (2 circuits built-in with MUTE function)
4)
THD (typ.)
=
0.007%
5)
S/N (typ.)
=
90dB
6)
Crosstalk (typ.)
=
90dB
7)
ON resistance (max.) =
300
8)
2 Function Switch outputs
Applications
DVD-Recorder, STB, etc.
Absolute maximum ratings
Ta=25°C
Parameter
Symbol
Limits
Unit
Power Supply Voltage1
V1
6.0
V
Power Supply Voltage2
V2
13.5
V
Power Dissipation
Pd
800
*1
mW
Operating Temperature Range
Topr
-25
+75
°C
Storage Temperature Range
Tstg
-55
+125
°C
*1 Reduced by 9 mW/ C over 25 C.
Operating range (Ta=25°C)
Parameter
Symbol
Limits
Unit
Supply voltage1
Vcc1
4.5
5.5
V
Supply voltage2
Vcc2
11.5
12.5
V
Note: This IC is not designed to be radiation-resistant.
Ver.B Oct.2005


유사한 부품 번호 - BD3825FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
More results

유사한 설명 - BD3825FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
BH7760KV ROHM-BH7760KV Datasheet
91Kb / 7P
   Analog signal I / O interface for portable audio applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com