전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0183A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0183A
상세설명  SAW Filter 836.5MHz SMD 2.5횞2.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0183A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0183A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0183A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0183A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0183A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0183A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0183A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 836.5 MHz
MODEL NO.: TA0183A
REV. NO.:4
A. MAXIMUM RATING:
1.Input Power Level: 15 dBm
2.DC voltage: +5 V
3.Operating Temperature: -25
°C to +80°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
836.5
-
Insertion loss
824 ~ 849 MHz
IL
(dB)
-
2.1
2.8
Amplitude ripple
824 ~ 849 MHz
(dB)
-
0.6
1.3
Return loss
824 ~ 849 MHz
9.0
12.0
-
Attenuation (Reference level from 0 dB)
D.C. ~ 790 MHz
(dB)
45
55
-
790 ~ 810 MHz
(dB)
22
46
-
869 ~ 894 MHz
(dB)
20
29
-
894 ~ 914 MHz
(dB)
33
43
-
914 ~ 2000 MHz
(dB)
40
51
-
2000 ~ 3000 MHz
(dB)
27
34
-
Rx band suppression 869 ~ 894 MHz
(dB)
20
29
-
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. No matching network required for operation at 50(
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0183A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results

유사한 설명 - TA0183A

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AFS836.5W01-TS4 ABRACON-AFS836.5W01-TS4 Datasheet
189Kb / 1P
   SMD 836.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0169A TAI-SAW-TA0169A Datasheet
286Kb / 6P
   SAW Filter 836.5MHz SMD 3.0횞3.0
TA0968A TAI-SAW-TA0968A Datasheet
387Kb / 7P
   SAW Filter 836.5MHz
logo
Golledge Electronics Lt...
MA05421 GOLLEDGE-MA05421 Datasheet
81Kb / 5P
   SAW Filter 836.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1691A TAI-SAW-TA1691A Datasheet
223Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
logo
SIPAT Co,Ltd
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
   836.5MHz SAW Filter 25MHz Bandwidth
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
   836.5MHz SAW Filter 25MHz Bandwidth
logo
List of Unclassifed Man...
SP83701 ETC2-SP83701 Datasheet
545Kb / 8P
   836.5MHz RF SAW Filter 25MHz Bandwidth
logo
SIPAT Co,Ltd
SP83701 SIPAT-SP83701 Datasheet
545Kb / 8P
   836.5MHz RF SAW Filter 25MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com