전자부품 데이터시트 검색엔진 |
|
TA0420A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
TA0420A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
2 / 5 page TAI-SAW TECHNOLOGY CO., LTD. 2 TST DCC Release document TAI-SAW TECHNOLOGY CO., LTD. No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com SAW Filter 460 MHz MODEL NO.: TA0420A REV. NO.:1 A. MAXIMUM RATING: 1.Input Power Level: 10 dBm 2.DC voltage: 3 V 3.Operating Temperature: 0 °C to +50°C 4.Storage Temperature: -40 °C to +85°C B. ELECTRICAL CHARACTERISTICS: Reference temperature: 25 °C Item Unit Min. Type. Max. Center frequency Fc MHz - 460 - Insertion Loss ILmin (reference level) dB - 1.5 2.8 2dB Bandwidth BW-2dB MHz 20 23.4 - Absolute Attenuation:(Reference level from 0dB) Fc -45 to Fc -100 MHz Fc +45 to Fc +55 MHz Fc +55 to Fc +100 MHz dB dB dB 40 30 40 56 56 54 - - Temperature coefficient of frequency ppm/k - -36 - Source impedance Zs Ω - 50 - Load impedance ZL Ω - 50 - Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of the upper and lower frequencies at the 2dB filter attenuation level relative to the ILmin. RoHS Compliant Lead free Lead-free soldering |
유사한 부품 번호 - TA0420A |
|
유사한 설명 - TA0420A |