전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0500A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0500A
상세설명  SAW Filter 315MHz SMD3.8X3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0500A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0500A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0500A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0500A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0500A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0500A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 315 MHz
MODEL NO.: TA0500A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
TA= -40
°C to +95°C
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
315
-
1
Minimum I.L. (314.82~315.22 MHz)
(dB)
ILmin
-
2.4
4.0
Pass band (relative to ILmin)
314.77~315.2 MHz
(dB)
-
1.5
3.0
314.71~315.26 MHz
(dB)
-
2.0
6.0
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
800
970
-
Attenuation:( relative to ILmin)
(dB )
10~270
MHz
(dB )
45
50
-
270~309
MHz
(dB )
30
35
-
309~313.94 MHz
(dB )
15
20
-
316.5~335
MHz
(dB )
10
15
-
1
335~400
MHz
(dB )
35
40
-
400~1000
MHz
(dB )
45
50
-
Impedance at FC ; Input
ZIN =RIN//CIN
Output ZOUT =ROUT//COUT
373
Ω // 5.0 pF
373
Ω // 5.0 pF
Note1. The standard definitions is in JIS C 6703
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0500A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0500A GOLLEDGE-TA0500A Datasheet
141Kb / 4P
   315.0MHz SAW Filter
TA0500A GOLLEDGE-TA0500A Datasheet
129Kb / 4P
   TA0500A
More results

유사한 설명 - TA0500A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
logo
Golledge Electronics Lt...
MA05553 GOLLEDGE-MA05553 Datasheet
150Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
   SAW Filter 467.5375MHz SMD3.8X3.8mm
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
logo
Golledge Electronics Lt...
MA06217 GOLLEDGE-MA06217 Datasheet
286Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1794A TAI-SAW-TA1794A Datasheet
302Kb / 7P
   SAW Filter 315MHz
TA0828A TAI-SAW-TA0828A Datasheet
310Kb / 6P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
   SAW Filter 456MHz SMD3.8X3.8mm
TA0475A TAI-SAW-TA0475A Datasheet
270Kb / 5P
   SAW Filter 462.5375MHz SMD3.8X3.8mm
TA0472A TAI-SAW-TA0472A Datasheet
269Kb / 5P
   SAW Filter 455MHz SMD3.8X3.8mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com