전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0502A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0502A
상세설명  SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0502A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0502A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0502A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0502A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0502A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0502A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0502A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. OUTLINE DRAWING:
: Year Code
: Date Code
D. MEASUREMENT CIRCUIT:
L
6


유사한 부품 번호 - TA0502A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TA050 ETC1-TA050 Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA050 OHMITE-TA050 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA050 OHMITE-TA050 Datasheet
333Kb / 2P
   High Power Density
logo
Bothhand USA, LP.
TA050-02 BOTHHAND-TA050-02 Datasheet
33Kb / 1P
   ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
logo
Transcom, Inc.
TA050-062-45-27 TRANSCOM-TA050-062-45-27 Datasheet
17Kb / 1P
   5 - 6.2 GHz 27.5 dBm Amplifier
More results

유사한 설명 - TA0502A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0769A TAI-SAW-TA0769A Datasheet
277Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0406A TAI-SAW-TA0406A Datasheet
446Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0x1.6 mm
TA0587A TAI-SAW-TA0587A Datasheet
471Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0664A TAI-SAW-TA0664A Datasheet
332Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0449A TAI-SAW-TA0449A Datasheet
256Kb / 5P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0654A TAI-SAW-TA0654A Datasheet
366Kb / 8P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0316A TAI-SAW-TA0316A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0440A TAI-SAW-TA0440A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com