전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0653A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0653A
상세설명  SAW Filter 2120MHz SMD 3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0653A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0653A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0653A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0653A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0653A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0653A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0653A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0653A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING:
: Year Code(2007 7,…2009 9)
: Date Code(Follow the table from planner each year)
E. PCB Footprint:


유사한 부품 번호 - TA0653A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0653A GOLLEDGE-TA0653A Datasheet
117Kb / 6P
   SAW Filter 2120.0MHz
More results

유사한 설명 - TA0653A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0652A TAI-SAW-TA0652A Datasheet
330Kb / 7P
   SAW Filter 1932.5MHz SMD 3.0 mm
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
   SAW Filter 1960MHz SMD 3.0 mm SQ
TA2565A TAI-SAW-TA2565A Datasheet
339Kb / 7P
   380MHz 8MHz BW SMD 3.0 x 3.0 mm SAW RF Filter
TA0229A TAI-SAW-TA0229A Datasheet
142Kb / 7P
   SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA0229B TAI-SAW-TA0229B Datasheet
401Kb / 7P
   SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA0166B TAI-SAW-TA0166B Datasheet
725Kb / 7P
   SAW Filter 881.5 MHz 25 MHz Bw SMD 3.0 x 3.0 mm
TC0663A TAI-SAW-TC0663A Datasheet
413Kb / 7P
   1568.979 MHz SMD 3.0 x 3.0 mm SAW Resonator
TA0763A TAI-SAW-TA0763A Datasheet
222Kb / 7P
   SAW FILTER 1842.5 MHz SMD 3.0 SQ
TA0177A TAI-SAW-TA0177A Datasheet
328Kb / 7P
   SAW Filter 1030MHz SMD 3.8횞3.8 mm
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0 mm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com