전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0673A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0673A
상세설명  SAW Filter 916.45MHz SMD3.0X3.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0673A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0673A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0673A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0673A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0673A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0673A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0673A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 916.45 MHz
MODEL NO.: TA0673A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
°C to +70°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
916.45
-
1
Insertion Loss
IL
(dB)
-
4.0
5.0
Pass band (relative to IL)
916.05~916.8 MHz
(dB)
-
0.5
3.0
916.00~916.86 MHz
(dB)
-
1.0
6.0
1
Pass bandwidth (relative to IL)
BW3 (KHz)
1500
2000
-
Attenuation:( relative to IL)
(dB )
500~872
MHz
(dB )
35
40
-
872~894
MHz
(dB )
30
35
-
894~912.7
MHz
(dB )
18
23
-
919.6~924
MHz
(dB )
6
9
-
924~940
MHz
(dB )
15
18
-
940~1000
MHz
(dB )
30
35
-
1
Impedance at FC ; Input
ZIN =RIN//CIN
Output ZOUT =ROUT//COUT
144
Ω // 3.4 pF
144
Ω // 3.4 pF
Note1. The standard definitions is in JIS C 6703
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0673A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0673A GOLLEDGE-TA0673A Datasheet
183Kb / 5P
   SAW Filter 916.450MHz
More results

유사한 설명 - TA0673A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0322A TAI-SAW-TA0322A Datasheet
454Kb / 5P
   SAW Filter 433.92MHz SMD3.0X3.0mm
TA0659A TAI-SAW-TA0659A Datasheet
285Kb / 6P
   SAW Filter 868.30MHz SMD3.0X3.0mm
TA0344A TAI-SAW-TA0344A Datasheet
942Kb / 7P
   SAW Filter 916.45MHz SMD 3.0횞3.0mm
TC0672A TAI-SAW-TC0672A Datasheet
423Kb / 6P
   SAW Resonator 1500.1MHz SMD3.0x3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com