전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0768A 데이터시트(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0768A
상세설명  SAW Filter 2045 MHz SMD 3.0X3.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0768A 데이터시트(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0768A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0768A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


유사한 부품 번호 - TA0768A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0768A GOLLEDGE-TA0768A Datasheet
127Kb / 7P
   SAW Filter 2045.0MHz
More results

유사한 설명 - TA0768A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
TA0627A TAI-SAW-TA0627A Datasheet
326Kb / 7P
   SAW Filter 895.5 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com