전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0769A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0769A
상세설명  SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0769A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0769A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1575.42MHz
MODEL NO.:TA0769A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -55°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance :
ZL = 50 Ω
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
1575.42
-
-
Max. Insertion Loss (1574.42~1576.42 MHz)
IL dB
-
1.15
1.6
-
Amplitude ripple (1574.42~1576.42 MHz)
dB
-
0.1
0.5
-
VSWR (1574.42~1576.42 MHz)
-
1.2
1.9
-
Attenuation
100~960
MHz
dB
31
33
-
-
960~1460
MHz
dB
31
33
-
-
1460~1513 MHz
dB
22
26
-
-
1648~1710 MHz
dB
22
28
-
-
1710~1990 MHz
dB
25
32
-
-
1990~2300 MHz
dB
25
30
-
-
2300~4000 MHz
dB
29
31
-
-
4000~6000 MHz
dB
20
24
-
-
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0769A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0769A GOLLEDGE-TA0769A Datasheet
156Kb / 6P
   SAW Filter 1575.42MHz
More results

유사한 설명 - TA0769A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0406A TAI-SAW-TA0406A Datasheet
446Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0x1.6 mm
TA0587A TAI-SAW-TA0587A Datasheet
471Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0502A TAI-SAW-TA0502A Datasheet
421Kb / 6P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0664A TAI-SAW-TA0664A Datasheet
332Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0449A TAI-SAW-TA0449A Datasheet
256Kb / 5P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0654A TAI-SAW-TA0654A Datasheet
366Kb / 8P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0316A TAI-SAW-TA0316A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0440A TAI-SAW-TA0440A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com