전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0818A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0818A
상세설명  SAW Filter 656MHz SMD 5*5 mm (BW=11MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0818A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0818A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0818A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0818A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0818A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0818A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0818A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: February, 14, 2008
Product Name: SAW Filter 656MHz SMD 5*5 mm (BW=11MHz)
TST Parts No.: :TA0818A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Paul Ni
Approval by:
Francis Chen
Date:
2008/2/14


유사한 부품 번호 - TA0818A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0818A GOLLEDGE-TA0818A Datasheet
118Kb / 5P
   SAW Filter 656.0MHz
More results

유사한 설명 - TA0818A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0817A TAI-SAW-TA0817A Datasheet
239Kb / 6P
   SAW Filter 638MHz SMD 5*5 mm (BW=11MHz)
TB1148A TAI-SAW-TB1148A Datasheet
151Kb / 7P
   SAW Filter 140MHz 11MHz BW (SMD 13.3횞6.5 mm)
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA1775B TAI-SAW-TA1775B Datasheet
467Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA1690D TAI-SAW-TA1690D Datasheet
431Kb / 11P
   SAW Filter SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA2575A TAI-SAW-TA2575A Datasheet
908Kb / 10P
   SAW Rx Filter 722.5 MHz Band29 SMD 1109(BW=11MHz)
TA1690B TAI-SAW-TA1690B Datasheet
436Kb / 10P
   SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
TB0445A TAI-SAW-TB0445A Datasheet
239Kb / 6P
   380MHz IF SAW Filter (BW=5 MHz)
TB0587A TAI-SAW-TB0587A Datasheet
249Kb / 6P
   288MHz IF SAW Filter (BW=5 MHz)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com