전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0819A 데이터시트(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0819A
상세설명  SAW Filter 2375MHz SMD 3.0X3.0 mm(BW=100MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0819A 데이터시트(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0819A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0819A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
Reflection Functions:
S11
S22


유사한 부품 번호 - TA0819A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0819A GOLLEDGE-TA0819A Datasheet
228Kb / 6P
   SAW Filter 2375.0MHz
More results

유사한 설명 - TA0819A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1752A TAI-SAW-TA1752A Datasheet
301Kb / 7P
   SAW Filter 1770MHz (BW 30MHz) SMD 3.0x3.0 mm
TA1755A TAI-SAW-TA1755A Datasheet
349Kb / 7P
   SAW Filter 1955MHz(BW 30MHz) SMD 3.0x3.0 mm
TA1751A TAI-SAW-TA1751A Datasheet
315Kb / 7P
   SAW Filter 1760MHz (BW 50MHz) SMD 3.0x3.0 mm
TA1753A TAI-SAW-TA1753A Datasheet
294Kb / 7P
   SAW Filter 1855MHz (BW 50MHz) SMD 3.0x3.0 mm
TA1658A TAI-SAW-TA1658A Datasheet
315Kb / 7P
   SAW Filter 1582.4MHz (BW 46.61MHz) SMD 3.0x3.0 mm
TA2646A TAI-SAW-TA2646A Datasheet
668Kb / 7P
   SAW Filter 868MHz 30MHz BW SMD 3.0x3.0 mm
TA1754A TAI-SAW-TA1754A Datasheet
339Kb / 7P
   SAW Filter 1865MHz(BW 30MHz) SMD 3.0x3.0 mm
TA1771A TAI-SAW-TA1771A Datasheet
306Kb / 7P
   SAW Filter 454.5MHz 5MHz BW SMD 3.0x3.0 mm
TA1658D TAI-SAW-TA1658D Datasheet
975Kb / 8P
   SAW Filter 1582.4MHz (BW 46.61MHz) SMD 3.0x3.0 mm
TA1768A TAI-SAW-TA1768A Datasheet
189Kb / 7P
   SAW Filter 1590MHz(BW 59MHz) SMD 3.0x3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com