전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV30019 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 MV30019
상세설명  GaAs Varactor Diodes Hyperabrupt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV30019 데이터시트(HTML) 3 Page - Microsemi Corporation

  MV30019 Datasheet HTML 1Page - Microsemi Corporation MV30019 Datasheet HTML 2Page - Microsemi Corporation MV30019 Datasheet HTML 3Page - Microsemi Corporation MV30019 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MV30011 – MV34010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
3
GaAs Varactor Diodes
Hyperabrupt
TM
®
Copyright
 2008
Rev: 2009-05-11
High Q Constant Gamma Tuning Varactors (Specifications @ 25°)
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance is 0.15 pF is included in the above specification.
5
The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon package selection.
Gamma = 1.50
Part
Number
CT @ 4 V
± 10%
(pF)1, 3, 4
Typ.
CT @ 2 V
CT @ 12V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV34001
0.5
4.5
15
3000
MV34002
1.0
5.9
15
2500
MV34003
1.8
7.1
15
2500
MV34004
2.8
7.3
15
2500
MV34005
2.2
7.4
15
1800
MV34006
2.5
7.6
15
1800
MV34007
3.0
7.9
15
1800
MV34008
3.8
8.1
15
1800
MV34009
4.5
8.3
15
1200
MV34010
10.0
8.9
15
1200


유사한 부품 번호 - MV30019

제조업체부품명데이터시트상세설명
logo
Advanced Energy Industr...
MV3000 ADVANCEDENERGY-MV3000 Datasheet
467Kb / 4P
   MEDIUM-VOLTAGE HIGH CURRENT POWER SUPPLIES
More results

유사한 설명 - MV30019

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com