전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0977A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0977A
상세설명  SAW Filter 869 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0977A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0977A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0977A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0977A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0977A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0977A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0977A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 869 MHz
MODEL NO.: TA0977A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
°C to +65°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency
Fc
MHz
-
869
-
Insertion Loss
868~870 MHz
IL
dB
-
2.7
3.5
Amplitude ripple
868~870 MHz
dB
-
0.2
1.5
Attenuation:(Reference level from 0 dB)
DC ~ 828 MHz
828 ~ 849 MHz
881 ~ 890 MHz
890 ~ 925 MHz
925 ~ 1200 MHz
1200 ~ 1740 MHz
dB
dB
dB
dB
dB
dB
45
30
10
22
40
36
51
40
18
38
49
49
-
-
-
-
-
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note1: No matching network required for operation at 50
Ω.
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


유사한 부품 번호 - TA0977A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0977A GOLLEDGE-TA0977A Datasheet
117Kb / 6P
   SAW Filter 869MHz
More results

유사한 설명 - TA0977A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA2381A TAI-SAW-TA2381A Datasheet
506Kb / 7P
   SAW Filter 869 MHz
TA2090A TAI-SAW-TA2090A Datasheet
404Kb / 6P
   SAW Filter 869 MHz
TA1018A TAI-SAW-TA1018A Datasheet
366Kb / 6P
   SAW Filter 869 MHz
TA0977B TAI-SAW-TA0977B Datasheet
151Kb / 6P
   SAW Filter 869 MHz
TA0704A TAI-SAW-TA0704A Datasheet
364Kb / 6P
   SAW Filter 869 MHz
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
SF0869BA02504S SPECTRUM-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02504S APITECH-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02618S SPECTRUM-SF0869BA02618S Datasheet
121Kb / 3P
   869 MHz SAW Filter 2 MHz Bandwidth
SF0869BA02656S SPECTRUM-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com