전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1574KU 데이터시트(PDF) 6 Page - Rohm

부품명 BU1574KU
상세설명  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1574KU 데이터시트(HTML) 6 Page - Rohm

Back Button BU1574KU Datasheet HTML 2Page - Rohm BU1574KU Datasheet HTML 3Page - Rohm BU1574KU Datasheet HTML 4Page - Rohm BU1574KU Datasheet HTML 5Page - Rohm BU1574KU Datasheet HTML 6Page - Rohm BU1574KU Datasheet HTML 7Page - Rohm BU1574KU Datasheet HTML 8Page - Rohm BU1574KU Datasheet HTML 9Page - Rohm BU1574KU Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
6/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
PIN
No.
PIN
Name
In/Out
Active
Level
Init
Descriptions
In/Output
type
33
MSEL2 *4
In
*
-
Mode select 2
A
34
PWMO
Out
*
Low
PWM output for LCD backlight
E
35
RESERVEO11 *5
Out
*
Low
RESERVE
E
36
RESERVEO10 *5
Out
*
Low
RESERVE
E
37
RESERVEO9 *5
Out
*
Low
RESERVE
E
38
RESERVEO8 *5
Out
*
Low
RESERVE
E
39
RESERVEO7 *5
Out
*
Low
RESERVE
E
40
RESERVEO6 *5
Out
*
Low
RESERVE
E
41
RESERVEO5 *5
Out
*
Low
RESERVE
E
42
RESERVEO4 *5
Out
*
Low
RESERVE
E
43
RESERVEO3 *5
Out
*
Low
RESERVE
E
44
RESERVEO2 *5
Out
*
Low
RESERVE
E
45
RESERVEO1 *5
Out
*
Low
RESERVE
E
46
RESERVEO0 *5
Out
*
Low
RESERVE
E
47
GND
-
GND
-
Common GROUND
-
48
CAMDO7
Out
DATA
Low
Data output: bit 7
E
49
CAMDO6
Out
DATA
Low
Data output: bit 6
E
50
CAMDO5
Out
DATA
Low
Data output: bit 5
E
51
CAMDO4
Out
DATA
Low
Data output: bit 4
E
52
CAMDO3
Out
DATA
Low
Data output: bit 3
E
53
CAMDO2
Out
DATA
Low
Data output: bit 2
E
54
CAMDO1
Out
DATA
Low
Data output: bit 1
E
55
CAMDO0
Out
DATA
Low
Data output: bit 0
E
56
I2CDEV6B *3
In
*
-
RESERVE
A
57
RESERVEO12 *5
Out
*
High
RESERVE
E
58
CAMHSO
Out
*
Low
Horizontal timing output signal
E
59
CAMVSO
Out
*
Low
Vertical timing output signal
E
60
RESETB
In
Low
-
System reset signal
B
61
VDDIO
-
PWR
-
DIGITAL IO power source
-
62
CAMCKO
Out
CLK
Low
Clock output
E
63
GND
-
GND
-
Common GROUND
-
64
VDD
-
PWR
-
CORE power source
-
※Change by setup by the register is possible for the "*" display in the column of an Active level. Moreover, Init is a pin state under
reset.
*3 : Please connect with GND
*4 : Please connect with VDDIO
*5 : Please leave OPEN


유사한 부품 번호 - BU1574KU

제조업체부품명데이터시트상세설명
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
More results

유사한 설명 - BU1574KU

제조업체부품명데이터시트상세설명
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com