전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1002A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1002A
상세설명  SAW Filter 340 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1002A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1002A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1002A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1002A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1002A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1002A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1002A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E.OUTLINE DRAWING:
F. PCB FOOTPRINT:


유사한 부품 번호 - TA1002A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1002A GOLLEDGE-TA1002A Datasheet
68Kb / 5P
   SAW Filter 340MHz
More results

유사한 설명 - TA1002A

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
SF2188C MURATA-SF2188C Datasheet
676Kb / 4P
   340 MHz SAW Filter
SF2188D MURATA-SF2188D Datasheet
168Kb / 4P
   340 MHz SAW Filter
logo
RF Monolithics, Inc
SF2188C RFM-SF2188C Datasheet
676Kb / 4P
   340 MHz SAW Filter
SF2188D RFM-SF2188D Datasheet
168Kb / 4P
   340 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0797A TAI-SAW-TA0797A Datasheet
219Kb / 6P
   SAW Filter 340 MHz SMD 5.0횞5.0mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com