전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16020KV 데이터시트(PDF) 5 Page - Rohm

부품명 BU16020KV
상세설명  2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16020KV 데이터시트(HTML) 5 Page - Rohm

  BU16020KV Datasheet HTML 1Page - Rohm BU16020KV Datasheet HTML 2Page - Rohm BU16020KV Datasheet HTML 3Page - Rohm BU16020KV Datasheet HTML 4Page - Rohm BU16020KV Datasheet HTML 5Page - Rohm BU16020KV Datasheet HTML 6Page - Rohm BU16020KV Datasheet HTML 7Page - Rohm BU16020KV Datasheet HTML 8Page - Rohm BU16020KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Technical Note
5/18
BU16006KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
2). PIN LIST
TERMINAL
NAME
No.
I/O
DESCRIPTION
A11, A12, A13, A14
39, 42, 45, 48
I
Source port 1 TMDS positive inputs
A21, A22, A23, A24
54, 57, 60, 63
I
Source port 2 TMDS positive inputs
B11, B12, B13, B14
38, 41, 44, 47
I
Source port 1 TMDS negative inputs
B21, B22, B23, B24
53, 56, 59, 62
I
Source port 2 TMDS negative inputs
GND
3, 9, 15, 22, 28,
43, 58
-
Ground
HPD1
35
O
Source port 1 hot plug detector output (status pin)
HPD2
50
O
Source port 2 hot plug detector output (status pin)
HPD_SINK
31
I
Sink port hot plug detector input (status pin)
Reserve1
34
I/O
Set to HIGH/LOW/OPEN
Reserve2
49
I/O
Non Connect Pin
SCL1
37
I/O
Source port 1 DDC I2C clock line
SCL2
52
I/O
Source port 2 DDC I2C clock line
SCL_SINK
29
I/O
Sink port DDC I2C clock line
SDA1
36
I/O
Source port 1 DDC I2C data line
SDA2
51
I/O
Source port 2 DDC I2C data line
SDA_SINK
30
I/O
Sink port DDC I2C data line
S1, S2
32, 33
I
Source selector
VCC
6, 12, 19, 25,
40, 46, 55, 61
-
Power supply
VSADJ
16
I
TMDS compliant voltage swing control
(via 4.64kΩ to GND)
Y1, Y2, Y3, Y4
26, 23, 20, 17
O
Sink port TMDS positive outputs
Z1, Z2, Z3, Z4
27, 24, 21, 18
O
Sink port TMDS negative outputs


유사한 부품 번호 - BU16020KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16020KV ROHM-BU16020KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

유사한 설명 - BU16020KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
New Japan Radio
NJM2524 NJRC-NJM2524 Datasheet
131Kb / 4P
   2 INPUT 1 OUTPUT 3ch VIDEO SWITCH with ISOLATION AMP
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
   4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com