전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1129A 데이터시트(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1129A
상세설명  SAW Filter 2017.5MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1129A 데이터시트(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1129A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
(Reel Count : 7”=2000 ; 13”=10000 )
2.TAPE DIMENSION
Direction of Feed


유사한 부품 번호 - TA1129A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1129A GOLLEDGE-TA1129A Datasheet
132Kb / 6P
   SAW Filter 2017.50MHz
More results

유사한 설명 - TA1129A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1095A TAI-SAW-TA1095A Datasheet
456Kb / 8P
   SAW Filter 2017.5MHz
TA1108A TAI-SAW-TA1108A Datasheet
398Kb / 7P
   SAW Filter 2017.5MHz
logo
SIPAT Co,Ltd
LBT201803 SIPAT-LBT201803 Datasheet
165Kb / 3P
   2017.5MHz SAW Filter 15MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1193A TAI-SAW-TA1193A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TE0117A TAI-SAW-TE0117A Datasheet
241Kb / 7P
   SAW Filter 1900/2017.5MHz (BW 40/15MHz) SMD 3.0x3.0 mm
TE0143A TAI-SAW-TE0143A Datasheet
673Kb / 13P
   Filter 1900 / 2017.5MHz 40/15MHz BW Band39/ Band34 SMD1.5X1.1 mm
TE0143B TAI-SAW-TE0143B Datasheet
1Mb / 13P
   Filter 1900 / 2017.5MHz 40/15MHz BW Band39/ Band34 SMD1.5X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com