전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4256 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N4256
상세설명  VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4256 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N4256 Datasheet HTML 1Page - Microsemi Corporation 1N4256 Datasheet HTML 2Page - Microsemi Corporation 1N4256 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOIDLESS-HERMETICALLY-SEALED
HIGH VOLTAGE RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2005
5-13-2005 REV B
S C O T TS DALE DIVISION
1N3643 thru 1N3647
1N4254 thru 1n4257
1N5181 thru 1N5184
DESCRIPTION
APPEARANCE
These “standard recovery” high voltage rectifier diode series are military qualified to
MIL-PRF-19500/279 for the 1N3644 thru 1N3647. Others such as the 1N5181 thru
1N5184 meet or exceed requirements of MIL-PRF-19500/389. They are ideal for
high-reliability where a failure cannot be tolerated for high voltage applications.
These 0.10 and 0.25 Amp rated rectifiers at 55ºC for working peak reverse voltages
from 1000 to 10,000 volts are hermetically sealed with voidless-glass construction
using an internal “Category I” metallurgical bond.
Surface mount MELF package
configurations are also available by adding “SM” suffix.
Microsemi also offers
numerous other rectifier products to meet higher and lower current ratings with
various recovery time speed requirements including fast and ultrafast device types
in both through-hole and surface mount packages.
S Package
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
JEDEC registered 1N3643 thru 1N3647, 1N4254
thru 1N4257, and 1N5181 thru 1N5187 series
Voidless Hermetically Sealed Glass Package
Triple Layer Passivation
Internal “Category I” Metallurgical bonds
Lowest Reverse Leakage Available
Lowest Thermal Resistance Available
Absolute High Voltage / High Temperature Stability
1N5181 thru 1N5184 meet or exceed requirements
of MIL-S-19500/389
1N3644 thru 1N3647 JAN, JANTX types available
per MIL-S19500/279
Surface mount equivalents also available in a square
end-cap MELF configuration with “SM” suffix
High voltage standard recovery rectifiers 1000 to
10,000 V
Military and other high-reliability applications
Applications include bridges, half-bridges, catch
diodes, voltage multipliers,
X-ray machines,
power supplies, transmitters, and radar
equipment
High forward surge current capability
Extremely robust construction
Low thermal resistance
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Junction & Storage Temperature: -65
oC to +175oC
Thermal Resistance: 38
oC/W junction to lead at 3/8
inch (10 mm) lead length from body
Average Rectified Forward Current (IO):
1N3643 thru 1N3647: 0.250 Amps @ TA = 55ºC
0.150 Amps @ TA = 100ºC
1N4254 thru 1N4257: 0.250 Amps @ TA = 55ºC
0.150 Amps @ TA = 100ºC
1N5181 thru 1N5184: 0.100 Amps @ TA = 55ºC
0.060 Amps @ TA = 100ºC
Forward Surge Current: See Electrical
Characteristics for surge at 8.3 ms half-sine wave
Solder Temperatures: 260ºC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
TERMINATIONS: Axial leads are copper with
Tin/Lead (Sn/Pb) finish
MARKING: Body paint and part number, etc.
POLARITY: Cathode band
TAPE & REEL option: Standard per EIA-296
WEIGHT: 400 mg (approx)
See package dimensions on last page


유사한 부품 번호 - 1N4256

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4256 MICROSEMI-1N4256 Datasheet
44Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N4256 NJSEMI-1N4256 Datasheet
313Kb / 1P
   HIGH VOLTAGE RECTIFIERS
1N4256 NJSEMI-1N4256 Datasheet
313Kb / 1P
   Microminiature package.
logo
Digitron Semiconductors
1N4256 DIGITRON-1N4256 Datasheet
124Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results

유사한 설명 - 1N4256

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com