์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1N4148 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Won-Top Electronics

๋ถ€ํ’ˆ๋ช… 1N4148
์ƒ์„ธ๋‚ด์šฉ  FAST SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  WTE [Won-Top Electronics]
ํ™ˆํŽ˜์ด์ง€  http://www.wontop.com
Logo 

1N4148 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Won-Top Electronics

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 1 / 3 page
background image
1N4148 / LL4148
1 of 3
ยฉ 2002 Won-Top Electronics
1N4148 / LL4148
FAST SWITCHING DIODE
Features
!
Fast Switching Speed
!
Glass Package Version for High Reliability
A
B
A
A
!
High Conductance
!
Available in Both Through-Hole and Surface
B
Mount Versions
C
                       D
C
1N4148
LL4148
Mechanical Data
!
Case: DO-35, MiniMELF
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight:
DO-35
0.13 grams
MiniMELF 0.05 grams
!
Marking: Cathode Band Only
Maximum Ratings @T
A=25ยฐC unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Rectified Current (Average), Half Wave Rectification with
Resistive Load and f
 50MHz (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0s
@ t = 1.0ยตs
IFSM
1.0
2.0
A
Power Dissipation (Note 1)
Derate Above 25ยฐC
Pd
500
1.68
mW
mW/ยฐC
Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
300
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
ยฐC
WTE
POWER SEMICONDUCTORS
DO-35
Dim
Min
Max
A
25.40
โ€”
B
โ€”4.00
C
โ€”0.60
D
โ€”2.00
All Dimensions in mm
MiniMELF
Dim
MIn
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm


Html Pages

1  2  3 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
1N4448WFAST SWITCHING SURFACE MOUNT DIODE 1 2 Transys Electronics
1N4148WSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
BAS19WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
BXY42BA-7Silicon PIN Diode Fast switching 1 2 Siemens Semiconductor Group
SIDC46D170HFast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC03D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC09D60E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
SIDC30D120E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
SIDC73D170E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
1N4148WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn