전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5200 데이터시트(PDF) 2 Page - Allegro MicroSystems

부품명 LC5200
상세설명  LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5200 데이터시트(HTML) 2 Page - Allegro MicroSystems

  LC5200 Datasheet HTML 1Page - Allegro MicroSystems LC5200 Datasheet HTML 2Page - Allegro MicroSystems LC5200 Datasheet HTML 3Page - Allegro MicroSystems LC5200 Datasheet HTML 4Page - Allegro MicroSystems LC5200 Datasheet HTML 5Page - Allegro MicroSystems LC5200 Datasheet HTML 6Page - Allegro MicroSystems LC5200 Datasheet HTML 7Page - Allegro MicroSystems LC5200 Datasheet HTML 8Page - Allegro MicroSystems LC5200 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
Recommended Operating Conditions
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VBB
Lowest voltage can vary depending on LED
loads
25
400
V
Average Output Current
IO
LC5205D
0.4
A
LC5210D
0.8
A
REF Input Voltage
VREF
In normal operation
0.5
V
Case Temperature
TC
Measured at center of case, TJ < 150°C
105
°C
Absolute Maximum Ratings at TA = 25°C
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VBB
450
V
Output Breakdown Voltage
VO
450
V
Output Current
IO
LC5205D, tw ≥ 1 μs
0.5
A
LC5210D, tw ≥ 1 μs
1.0
A
REF Pin Input Voltage
VREF
–0.3 to VREG + 0.3
V
SENSE Pin Voltage
VRS
tw ≥ 1 μs±2
V
Allowable Power Dissipation
PD
On Sanken evaluation PCB; affected by applica-
tion PCB layout
1.73
W
Junction Temperature
TJ
150
ºC
Operating Ambient Temperature
TA
–40 to 105
ºC
Storage Temperature
Tstg
–40 to 150
ºC
Selection Guide
Part Number
Output Current, IO(max)
(A)
LC5205D
0.5
LC5210D
1.0
All performance characteristics given are typical values for
circuit or system baseline design only and are at the nominal
operating voltage and an ambient temperature of 25°C, un-
less otherwise stated.
Terminal List Table
Name
Number
Function
Reg
1
Regulator output pin for powering external components. Connect 0.1 μF bypass
capacitor between this pin and GND.
Toff
2
For self-oscillation operation, connect external capacitor and resistor to set
off-time. For externally-controlled PWM operation, input PWM adjustment signal.
Ref
3
Reference voltage input pin, for output peak current.
Sen
4
Connect external resistor for PWM peak current control and OCP.
OUT
5
Internally connected to the MOSFET drain, output connection to LED load.
VBB
6
Supply voltage pin; internally connected to the voltage regulator to power the
internal circuits.
7
No connection; pin removed to increase creepage distance from VBB pin.
GND
8
Device ground pin.
Pin-out Diagram
1
2
3
4
8
7
6
5
GND
(Removed)
VBB
OUT
Reg
Toff
Ref
Sen


유사한 부품 번호 - LC5200

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
LC5200 SANKEN-LC5200 Datasheet
93Kb / 2P
   LED Driver ICs
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
More results

유사한 설명 - LC5200

제조업체부품명데이터시트상세설명
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com