전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2363FVFV-E2 데이터시트(PDF) 10 Page - Rohm

부품명 BU2363FVFV-E2
상세설명  DVD-Audio Reference Clock Generator for Audio/Video Appliance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2363FVFV-E2 데이터시트(HTML) 10 Page - Rohm

Back Button BU2363FVFV-E2 Datasheet HTML 6Page - Rohm BU2363FVFV-E2 Datasheet HTML 7Page - Rohm BU2363FVFV-E2 Datasheet HTML 8Page - Rohm BU2363FVFV-E2 Datasheet HTML 9Page - Rohm BU2363FVFV-E2 Datasheet HTML 10Page - Rohm BU2363FVFV-E2 Datasheet HTML 11Page - Rohm BU2363FVFV-E2 Datasheet HTML 12Page - Rohm BU2363FVFV-E2 Datasheet HTML 13Page - Rohm BU2363FVFV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/16
Reference data (BU2363FV Temperature and Supply voltage variations data)
Fig.77 18.4MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
Fig.76 36.9MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
Fig.75 36.9MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
Fig.74 36.9MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
Fig.69 33.9MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
Fig.68 33.9MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
Fig.73 16.9MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
Fig.78 18.4MHz
Temperature-Period-Jitter 1σ
Fig.79 18.4MHz
Temperature-Period-Jitter MIN-MAX
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
Fig.70 33.9MHz
Temperature-Period-Jitter MIN-MAX
Fig.71 16.9MHz
Temperature-Duty
Fig.72 16.9MHz
Temperature-Period-Jitter 1σ
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=3.3V
VDD=2.9V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=3.3V
VDD=2.9V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.3V
VDD=2.9V
VDD=3.7V


유사한 부품 번호 - BU2363FVFV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2363FV ROHM-BU2363FV Datasheet
395Kb / 6P
   Clock Generator
BU2363FV ROHM-BU2363FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV-E2 ROHM-BU2363FV-E2 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
More results

유사한 설명 - BU2363FVFV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com