전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4066BCF 데이터시트(PDF) 11 Page - Rohm

부품명 BU4066BCF
상세설명  High Voltage CMOS Logic ICs Switch>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4066BCF 데이터시트(HTML) 11 Page - Rohm

Back Button BU4066BCF Datasheet HTML 7Page - Rohm BU4066BCF Datasheet HTML 8Page - Rohm BU4066BCF Datasheet HTML 9Page - Rohm BU4066BCF Datasheet HTML 10Page - Rohm BU4066BCF Datasheet HTML 11Page - Rohm BU4066BCF Datasheet HTML 12Page - Rohm BU4066BCF Datasheet HTML 13Page - Rohm BU4066BCF Datasheet HTML 14Page - Rohm BU4066BCF Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
BU4066BC,BU4066BCF,BU4066BCFV,BU4051BC,BU4051BCF,BU4051BCFV,BU4052BC,
BU4052BCF,BU4052BCFV,BU4053BC,BU4053BCF,BU4053BCFV,BU4551B,BU4551BF,BU4551BFV
11/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
50
100
150
200
250
300
0
5
10
15
Input Voltage [V]
Reference Data(BU4053BC)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
255075
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
255075
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.37 propagation delay time tPZH
(INH-OUT)
Fig.38 propagation delay time tPHZ
(INH-OUT)
Fig.34 propagation delay time tPHZ
(CONT-OUT)
Fig.36 propagation delay time tPZL
(CONT-OUT)
Fig.35 propagation delay time tPLZ
(CONT-OUT)
Fig.30 ON resistance-input voltage
Fig.31 propagation delay time tPLH
(IN-OUT)
Fig.39 propagation delay time tPZL
(INH-OUT)
Fig.40 propagation delay time tPLZ
(INH-OUT)
Fig.32 propagation delay time tPHL
(IN-OUT)
Fig.33 propagation delay time tPZH
(CONT-OUT)
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
VDD=10[V]
VDD=15[V]
VDD=5[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
[BU4053BC/F/FV]
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
[BU4053BC/F/FV]
[BU4053BC/F/FV]
[BU4053BC/F/FV]
[BU4053BC/F/FV]
[BU4053BC/F/FV]
[BU4053BC/F/FV]
[BU4053BC/F/FV]
[BU4053BC/F/FV]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=18[V]
Operating Temperature Range
Operating Temperature Range
[BU4053BC/F/FV]
[BU4053BC/F/FV]


유사한 부품 번호 - BU4066BCF

제조업체부품명데이터시트상세설명
logo
Rohm
BU4066BCF ROHM-BU4066BCF Datasheet
91Kb / 5P
   Quad analog switch
BU4066BCF ROHM-BU4066BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF ROHM-BU4066BCF Datasheet
1Mb / 20P
   Quad-Analog Switch
BU4066BCF-E2 ROHM-BU4066BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF-E2 ROHM-BU4066BCF-E2 Datasheet
1Mb / 20P
   Quad-Analog Switch
More results

유사한 설명 - BU4066BCF

제조업체부품명데이터시트상세설명
logo
Rohm
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
   CMOS LOGIC IC Analog switch
ELM7SH66MB-EL ELM-TECH-ELM7SH66MB-EL Datasheet
373Kb / 4P
   HIGH SPEED CMOS LOGIC IC ELM7SH66xB Analog switch
logo
Torex Semiconductor
XC74WL4066SR TOREX-XC74WL4066SR Datasheet
204Kb / 10P
   CMOS Logic Dual Analog Switch/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com