전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU3076HFV-TR 데이터시트(PDF) 5 Page - Rohm

부품명 BU3076HFV-TR
상세설명  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU3076HFV-TR 데이터시트(HTML) 5 Page - Rohm

  BU3076HFV-TR Datasheet HTML 1Page - Rohm BU3076HFV-TR Datasheet HTML 2Page - Rohm BU3076HFV-TR Datasheet HTML 3Page - Rohm BU3076HFV-TR Datasheet HTML 4Page - Rohm BU3076HFV-TR Datasheet HTML 5Page - Rohm BU3076HFV-TR Datasheet HTML 6Page - Rohm BU3076HFV-TR Datasheet HTML 7Page - Rohm BU3076HFV-TR Datasheet HTML 8Page - Rohm BU3076HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/20
Reference data (BU3071HFV basic data)
Reference data (BU3072HFV basic data)
Fig.9 36MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.8 36MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.7 36MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.6 27MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.4 27MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.3 54MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.1 54MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
5nsec/div
5nsec/div
500psec/div
10kHz/div
10kHz/div
10kHz/div
10nsec/div
Fig.5 27MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
500psec/div
RBW:1kHz
VBW:100Hz
RBW:1kHz
VBW:100Hz
RBW:1kHz
VBW:100Hz
500psec/div
Fig.2 54MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)


유사한 부품 번호 - BU3076HFV-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BU3076HFV ROHM-BU3076HFV Datasheet
263Kb / 6P
   Clock Generator
More results

유사한 설명 - BU3076HFV-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com