์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC0269A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

๋ถ€ํ’ˆ๋ช… TC0269A
์ƒ์„ธ๋‚ด์šฉ  SAW Resonator 433.92 MHz SMD 5.0X3.5mm
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ํ™ˆํŽ˜์ด์ง€  http://www.taisaw.com
Logo 

TC0269A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.92 MHz
MODEL NO.: TC0269A
REV. NO.:2
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
ยฐC to +85ยฐC
4.Storage Temperature: -40
ยฐC to +85ยฐC
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA=25โ„ƒ
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
433.845
433.920
433.995
Insertion Loss IL
dB
-
1.2
1.7
Ageing of fc
ppm/yr
-
-
ยฑ
10
Equivalent Circuit Model
Motional capacitance C1
fF
-
1.79
-
Motional inductance L1
ฮผ
H
-
75.72
-
Motional resistance R1
Ohm
-
14.3
23
Parallel capacitance Co
pF
-
3.2
-
Frequency Temperature coefficient (TCf) ppm/c*2
-
0.032
-
Turnover To
deg.C
5
15
25
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
RoHS Compliant
Lead free
Lead-free soldering


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn