전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TW0208A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0208A
상세설명  SMD 5.0x3.2 44MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0208A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0208A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0208A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0208A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0208A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0208A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 5.0x3.2 44MHz Crystal Oscillator
MODEL NO.: TW0208A
REV. NO: 2
Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Application:
3.3V Supply Voltage Operation / Complementary CMOS Output
Option-able stand-by function for output (Tri-state output).
Electrical Characteristics:
TW0208A
Specifications
Nominal Frequency, Fo
44.000000 MHz
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-20
°C to +70°C
Power Supply Voltage, Vcc
3.3 V +/- 5%
Load
10KΩ // 15pF
“0” Level
“1” Level
0.33 V max
2.97 V min
Power Supply Current, Icc
20 mA max
Frequency Stability over Operating
Temperature Range
+/-15 ppm (referred to the value at 25
°C)
Frequency Make Tolerance (FL)
+/-15 ppm max
Duty Cycle
40% ~ 60%
Rise Time ( 10% -> 90% of final RF level in Vp-p )
Fall Time ( 90% -> 10% of final RF level in Vp-p )
10 nsec max.
10 nsec max.
Enable/Disable Function
PIN 1: High or Open, PIN 3:Enable
PIN 1: Low, PIN 3:Disable
.
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TW0208A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0202A TAI-SAW-TW0202A Datasheet
167Kb / 4P
   SMD Clock Oscillator 48.0 MHz
More results

유사한 설명 - TW0208A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0129A TAI-SAW-TW0129A Datasheet
202Kb / 5P
   SMD 5.0x3.2 11.2896MHz Crystal Oscillator
TW0237A TAI-SAW-TW0237A Datasheet
209Kb / 5P
   SMD 5.0x3.2 13MHz Crystal Oscillator
TW0239A TAI-SAW-TW0239A Datasheet
209Kb / 5P
   SMD 5.0x3.2 19.2MHz Crystal Oscillator
TW0326A TAI-SAW-TW0326A Datasheet
400Kb / 8P
   SMD 5.0x3.2 12.288MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com