전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0483A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0483A
상세설명  SAW Resonator 768.407 MHz SMD 3.0X3.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0483A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0483A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
G. TEST CIRCUIT:
50Ω
Network analyzer
50Ω
SAW Resonator
B
E
A、 C、 D、 F
H. LAND PATTERN:
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer


유사한 부품 번호 - TC0483A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0481A TAI-SAW-TC0481A Datasheet
460Kb / 6P
   SAW Resonator 418MHz SMD 5.0X3.5 mm
More results

유사한 설명 - TC0483A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0340A TAI-SAW-TC0340A Datasheet
402Kb / 6P
   SAW Resonator 614.726 MHz SMD 3.0X3.0 mm
TC0537A TAI-SAW-TC0537A Datasheet
414Kb / 6P
   SAW Resonator 834.64 MHz SMD 3.0X3.0 mm
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
   SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0532A TAI-SAW-TC0532A Datasheet
403Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.0X3.0 mm
TC0528A TAI-SAW-TC0528A Datasheet
407Kb / 6P
   SAW Resonator 1000MHz SMD 3.0X3.0 mm
TC0671A TAI-SAW-TC0671A Datasheet
391Kb / 6P
   SAW Resonator 1600MHz SMD 3.0X3.0 mm(300KHz)
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com