전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TW0238A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0238A
부품 상세설명  SMD 3.2x2.5 13MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0238A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0238A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0238A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0238A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0238A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0238A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 1/9/2007 (REV. NO: 1)
Product Name: SMD 3.2x2.5 13MHz Crystal Oscillator
TST Parts No.: TW0238A
Customer Parts No. :
Company:
Division:
Approved by:
Date:
Checked by:
Ryan Huang
Approval by:
Robert Chang
Date:
1/9/2007


유사한 부품 번호 - TW0238A

제조업체부품명데이터시트부품 상세설명
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TW0230A TAI-SAW-TW0230A Datasheet
207Kb / 5P
   SMD 7.0x5.0 16.384MHz Crystal Oscillator
TW0231A TAI-SAW-TW0231A Datasheet
207Kb / 5P
   SMD 7.0x5.0 16.6666MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
   SMD 7.0x5.0 25MHz Crystal Oscillator
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
   SMD 7.0x5.0 100MHz Crystal Oscillator
More results

유사한 설명 - TW0238A

제조업체부품명데이터시트부품 상세설명
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
   SMD 3.2x2.5 16MHz Crystal Oscillator
TW0237A TAI-SAW-TW0237A Datasheet
209Kb / 5P
   SMD 5.0x3.2 13MHz Crystal Oscillator
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0258A TAI-SAW-TW0258A Datasheet
225Kb / 6P
   SMD 3.2x2.5 24.576MHz Crystal Oscillator
TW0261A TAI-SAW-TW0261A Datasheet
348Kb / 8P
   SMD 3.2x2.5 50MHz Crystal Oscillator
TW0272A TAI-SAW-TW0272A Datasheet
250Kb / 5P
   SMD 3.2x2.5 60MHz Crystal Oscillator
TW0225A TAI-SAW-TW0225A Datasheet
202Kb / 5P
   SMD 3.2x2.5 20MHz Crystal Oscillator
TW0240A TAI-SAW-TW0240A Datasheet
218Kb / 5P
   SMD 3.2x2.5 19.2MHz Crystal Oscillator
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com