전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TW0258A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0258A
상세설명  SMD 3.2x2.5 24.576MHz Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0258A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0258A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Packing:
PACKING QUANTITY: 1K Pcs / Reel
Reel Dimension (Unit: mm)
Tape Dimension (Unit: mm)
[NOTE]:
1. Unless otherwise specified tolerance on dimension +/-0.1 mm.
2. Material: conductive polystyrene with color black
3. 10 pitch cumulative tolerance +/-0.2 mm.
4. Packing Direction: dot or the logo of marking should be close to the hole of tape.
PACKING DIRECTION:
Direction of Feed


유사한 부품 번호 - TW0258A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0256A TAI-SAW-TW0256A Datasheet
182Kb / 5P
   SMD 7.0x5.0 54MHz Crystal Oscillator
TW0257A TAI-SAW-TW0257A Datasheet
182Kb / 5P
   SMD 7.0x5.0 66MHz Crystal Oscillator
More results

유사한 설명 - TW0258A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0620A TAI-SAW-TZ0620A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ1448A TAI-SAW-TZ1448A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 2
TZ0815A TAI-SAW-TZ0815A Datasheet
303Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0907A TAI-SAW-TZ0907A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0740A TAI-SAW-TZ0740A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0745A TAI-SAW-TZ0745A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0714A TAI-SAW-TZ0714A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 4
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
   SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com