전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TW0261A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0261A
상세설명  SMD 3.2x2.5 50MHz Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0261A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0261A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TW0261A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 3.2x2.5 50MHz Crystal Oscillator
MODEL NO.: TW0261A
REV. NO: 1
Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Application:
3.3 V Supply Voltage CMOS Output
Option-able stand-by function for output.
Electrical Characteristics:
TW0261A
Specifications
Nominal Frequency, Fo
50.000000 MHz
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-40
°C to +85°C
Power Supply Voltage, Vcc
3.3 V +/- 5%
Load
15pF
“0” Level
“1” Level
0.33 V max
2.97 V min
Power Supply Current, Icc
15 mA max
Frequency Accuracy1
+/-50 ppm max
Duty Cycle
40% ~ 60%
Rise Time ( 10% -> 90% of final RF level in Vp-p )
Fall Time ( 90% -> 10% of final RF level in Vp-p )
5 nsec max.
5 nsec max.
Aging
+/-1ppm/year
Unit Weight
0.0232+/-0.005 g
Enable/Disable Function
PIN 1: High or Open, PIN 3:Output Enable
PIN 1: Low, PIN 3:Output Disable
#Note 1: Frequency accuracy includes 25C tolerance, operating temperature range -40 to 85 deg C, aging and
voltage or load change
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TW0261A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0260A TAI-SAW-TW0260A Datasheet
232Kb / 5P
   SMD 7.0x5.0 43.75MHz Crystal Oscillator
TW0263A TAI-SAW-TW0263A Datasheet
225Kb / 6P
   SMD 3.2x2.5 29.491MHz Crystal Oscillator
TW0265A TAI-SAW-TW0265A Datasheet
208Kb / 5P
   SMD 5032 Clock Oscillator 50 MHz
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
   SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
More results

유사한 설명 - TW0261A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2608B TAI-SAW-TZ2608B Datasheet
142Kb / 7P
   Crystal Unit SMD 3.2x2.5 50MHz
REV. NO.: 1
TW0656AA1255 TAI-SAW-TW0656AA1255 Datasheet
352Kb / 9P
   Crystal Oscillator SMD 2.0x1.6 50MHz
REV. NO.: 1.0
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
   SMD 3.2x2.5 16MHz Crystal Oscillator
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
TW0426A TAI-SAW-TW0426A Datasheet
149Kb / 7P
   SMD 3.2x2.5 125MHz Crystal Oscillator
REV. NO.: 1.0
TW0480A TAI-SAW-TW0480A Datasheet
170Kb / 8P
   Crystal Oscillator SMD 3.2x2.5 16.67MHz
REV. NO: 1.0
TW0494B TAI-SAW-TW0494B Datasheet
218Kb / 8P
   Crystal Oscillator SMD 3.2x2.5 27.00MHz
REV. NO: 5
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0258A TAI-SAW-TW0258A Datasheet
225Kb / 6P
   SMD 3.2x2.5 24.576MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com