전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13C2 데이터시트(PDF) 1 Page - Suntan Capacitors

부품명 TS13C2
상세설명  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C2 데이터시트(HTML) 1 Page - Suntan Capacitors

  TS13C2 Datasheet HTML 1Page - Suntan Capacitors TS13C2 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
C H I P T Y P E S E R I E S
TS13C2
F E A T U R E S
Bi-polar with general temperature 85
Lead-free reflow soldering is available subject to customer’s request.
Non-Polarized Series
Specifications
I
T
E
M
S P E R F O R M A N C E C H A R A C T E R I S T I C S
Operating Temperature Range
-40℃ ~ +85℃
Voltage Range
6.3~50V
Capacitance Range
0.1~100μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
After 2 minutes’ application of rated voltage, leakage current is not more than 0.05CV or 10μA, whichever is greater.
Tan δ
Measurement frequency : 120Hz, Temperature : 20℃
Rated voltage (V)
6.3
10
16
25
35
50
Tan δ (MAX)
0.24
0.20
0.17
0.17
0.15
0.15
Stability at Low Temperature
Measurement frequency : 120Hz
Rated voltage (V)
6.3
10
16
25
35
50
Impedance ratio
Z-25℃ / Z+20℃
4
3
2
2
2
2
ZT / Z20 (MAX)
Z-40℃ / Z+20℃
8
6
4
4
3
3
Load Life
After 1000 hours’ application of rated voltage
at 85℃ with the polarity inverted every 250
hours,
capacitors meet the characteristics
requirements listed at right
Capacitance Change
Within ± 20% of initial value
Tan δ
200% or less of initial specified value
Leakage Current
Initial specified value or less
Self Life
After leaving capacitors under no load at 85℃ for 1000 hours, they meet the specified value for load life characteristics listed
above.
Resistance to Soldering Heat
After reflow soldering according and restored at
room temperature, they meet the characteristics
requirements listed at right.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
Applicable Standards
JIS C-5141 and JIS C-5102.
Chip type
#1 Voltage mark for 6.3V is [6]
Re:Date code and series type-1st digit for year;2nd digit for Quarter,4 quarter codes in one year
are 1,4,7,o;3rd character for series,NP Series=N
(mm)
Ø
DxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
A
1.8
2.1
2.4
2.4
B
4.3
5.3
6.6
6.6
C
4.3
5.3
6.6
6.6
E±0.2
1.0
1.3
2.2
2.2
L
5.4
5.4
5.4
7.7
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13C2

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13C2 SUNTAN-TS13C2 Datasheet
354Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C2 SUNTAN-TS13C2_17 Datasheet
104Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - TS13C2

제조업체부품명데이터시트상세설명
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com