전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13C8 데이터시트(PDF) 2 Page - Suntan Capacitors

부품명 TS13C8
상세설명  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C8 데이터시트(HTML) 2 Page - Suntan Capacitors

  TS13C8 Datasheet HTML 1Page - Suntan Capacitors TS13C8 Datasheet HTML 2Page - Suntan Capacitors TS13C8 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
TS13C8
(mm)
D×L
Φ6.3×5.8/7.7
Φ8×6.2
Φ8×10.5
Φ10×10.5
Φ10×13.5
Φ12.5×13.5/16
Φ16×16.5/21.5
A
2.4
3.3
2.9
3.2
3.2
4.7
5.5
B
6.6
8.3
8.3
10.3
10.3
13.0
17.0
C
6.6
8.3
8.3
10.3
10.3
13.0
17.0
E±0.2
2.2
2.2
3.1
4.4
4.4
4.4
6.7
L
5.8/7.7
6.2
10.5
10.5
13.5
13.5/16
16.5/21.5
Standard size & Maximum permissible ripple current
10
16
25
WV
Cap. (μF)
1 A
1C
1E
33
330
6.3×5.8
3.3
66
45
47
470
6.3×5.8
3.3
66
43
6.3×7.7
(8×6.2)
2.3
(2.3)
46
(46)
68
(68)
100
101
6.3×7.7
(8×6.2)
2.3
(2.3)
46
(46)
72
(72)
8x10.5
1.0
20
115
8×10.5
1.0
20
126
220
221
8×10.5
1.0
20
136
10×10.5
0.7
13.4
175
10×10.5
0.7
13.4
211
330
331
10×10.5
0.7
13.4
188
10×13.5
0.5
9.5
280
12.5×13.5
(10.5×13.5)
0.14
(0.5)
2.1
(9.5)
750
(270)
470
471
10×13.5
0.5
9.5
300
12.5×13.5
0.14
2.1
750
12.5×13.5
0.14
2.1
750
680
681
16×16.5
(12.5×13.5)
0.10
(0.14)
1.5
(2.1)
1000
(750)
16×16.5
0.10
1.5
1000
1000
102
12.5×16
(12.5×13.5)
0.11
(0.14)
1.5
(2.1)
900
(750)
16×21.5
0.10
1.5
1200
2200
222
16×16.5
16×21.5
0.10
0.10
1.5
1.5
1000
1200
16×21.5
0.10
1.5
1200
Case Size
ESR(Ω)
20℃
ESR(Ω)
-40℃
Ripple
Current
Standard size & Maximum permissible ripple current
35
50
WV
Cap. (μF)
1 V
1H
10
100
6.3×5.8
3.3
66
38
6.3×7.7
(6.3×5.8)
2.3
(3.3)
46
(66)
50
(38)
22
220
6.3×5.8
3.3
66
39
6.3×7.7
(8×6.2)
2.3
(2.3)
46
(46)
50
(50)
33
330
6.3×7.7
(8×6.2)
2.3
(2.3)
46
(46)
62
(62)
8×10.5
1.0
20
83
47
470
8×10.5
1.0
20
92
10×10.5
0.7
13.4
111
100
101
10×10.5
0.7
13.4
151
12.5×13.5
0.23
3.5
550
220
221
12.5×13.5
(10×13.5)
0.14
(0.5)
2.1
(9.5)
750
(260)
16×16.5
(12.5×13.5)
0.15
(0.23)
2.3
(3.5)
850
(550)
330
331
12.5×13.5
0.14
2.1
750
16×16.5
(12.5×16)
0.15
(0.18)
2.3
(2.7)
850
(700)
470
471
16×16.5
(12.5×16)
0.10
(0.11)
1.5
(1.5)
1000
(900)
16×21.5
0.15
2.3
920
680
681
16×21.5
0.10
1.5
1200
Case Size
ESR(Ω)
20℃
ESR(Ω)
-40℃
Ripple
Current
Ripple Current (mA rms) at 125℃ 100kHz
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13C8

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13C8 SUNTAN-TS13C8 Datasheet
439Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C8 SUNTAN-TS13C8_17 Datasheet
270Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - TS13C8

제조업체부품명데이터시트상세설명
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com