전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13DG-CD263 데이터시트(PDF) 3 Page - Suntan Capacitors

부품명 TS13DG-CD263
상세설명  ALUMINUM ELECTROLYTIC CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DG-CD263 데이터시트(HTML) 3 Page - Suntan Capacitors

  TS13DG-CD263 Datasheet HTML 1Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 2Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 3Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ , F O R E L E C T R O N I C B A L L A S T , P O W E R
S U P P L Y , L O N G L I F E
TS13D CD263
STANDARD RATINGS
35
50
63
100
Size
Impedance
Ripple
Size
Impedance
Ripple
Size
Impedance
Ripple
Size
Impedance
Ripple
WV (V)
/
Cap
(μF)
DxL
(mm)
Ω
mArms
DxL
(mm)
Ω
mArms
DxL
(mm)
Ω
mArms
DxL
(mm)
Ω
mArms
0.1
--
--
--
5x11
18.0
10
--
--
--
--
--
--
0.22
--
--
--
5x11
13.0
15
--
--
--
--
--
--
0.33
--
--
--
5x11
10.0
15
--
--
--
--
--
--
0.47
--
--
--
5x11
7.0
23
--
--
--
5x11
13.0
30
1
--
--
--
5x11
4.9
35
--
--
--
5x11
11.0
45
2.2
--
--
--
5x11
4.2
35
--
--
--
5x11
9.2
60
3.3
--
--
--
5x11
3.9
65
--
--
--
5x11
7.2
67
4.7
5x11
2.5
92
5x11
3.6
82
5x11
5.8
74
5x11
6.3
75
10
5x11
1.9
105
5x11
2.7
100
5x11
3.6
95
6.311
3.3
110
22
5x11
1.5
120
5x11
1.9
125
6.3x11
2.1
130
8x11.5
1.4
165
33
5x11
1.2
130
6.3x11
1.1
195
6.3x11
1.7
160
10x12.5
0.94
305
47
6.3x11
0.58
220
6.3x11
0.90
245
8x11.5
1.2
305
10x16
0.68
320
100
8x11.5
0.39
315
8x11.5
0.50
385
10x12.5
0.65
395
12.5x20
0.28
585
220
10x12.5
0.23
500
10x16
0.27
505
10x20
0.32
505
16x25
0.16
1120
330
10x16
0.18
615
10x20
0.18
675
12.5x20
0.22
660
16x25
0.13
1290
470
10x20
0.12
825
12.5x20
0.12
895
12.5x25
0.16
850
16x31.5
0.11
1350
1000
12.5x25
0.068
1300
16x25
0.076
1495
16x31.5
0.098
1430
--
--
--
2200
16x31.5
0.045
2110
18x35.5
0.050
2190
--
--
--
--
--
--
3300
18x35.5
0.036
2580
--
--
--
--
--
--
--
--
--
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13DG-CD263

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DG-CD263 SUNTAN-TS13DG-CD263_17 Datasheet
107Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

유사한 설명 - TS13DG-CD263

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com