전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13DJ-CD287 데이터시트(PDF) 3 Page - Suntan Capacitors

부품명 TS13DJ-CD287
상세설명  ALUMINUM ELECTROLYTIC CAPACITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DJ-CD287 데이터시트(HTML) 3 Page - Suntan Capacitors

  TS13DJ-CD287 Datasheet HTML 1Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 2Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 3Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 4Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 5Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 6Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ , E X T R A L O W I M P E D A N C E , L O N G L I F E
TS13D CD287
STANDARD RATINGS
16V
25V
Cap
Impedance(Ω) / 100KHz
Ripple
Cap
Impedance(Ω) / 100KHz
Ripple
WV (V)
/
DxL (mm)
μ
F
20℃
-10℃
mArms
μ
F
20℃
-10℃
mArms
5x11.5
56
0.65
1.3
175
39
0.65
1.3
175
5x15
82
0.46
0.92
235
56
0.46
0.92
235
6.3x11.5
120
0.30
0.60
290
82
0.30
0.60
290
6.3x15
180
0.20
0.40
400
120
0.20
0.40
400
8x12
270
0.17
0.34
501
180
0.17
0.34
503
8x15
330
0.13
0.26
575
220
0.13
0.26
575
8x20
470
0.095
0.19
760
330
0.095
0.19
751
10x12.5
330
0.12
0.24
625
220
0.12
0.24
629
10x16
390
0.095
0.19
795
270
0.095
0.19
795
10x20
680
0.065
0.13
1010
470
0.065
0.13
1010
10x25
820
0.055
0.11
1190
560
0.055
0.11
1190
10x30
1200
0.045
0.090
1430
820
0.045
0.090
1440
12.5x15
6800
0.065
0.13
1010
470
0.065
0.13
1010
12.5x20
1200
0.042
0.084
1400
820
0.042
0.084
1400
12.5x25
1500
0.038
0.076
1690
1000
0.065
0.076
1690
12.5x30
2200
0.032
0.064
1950
1500
0.032
0.064
1950
12.5x35
2700
0.028
0.056
2220
1800
0.028
0.056
2200
12.5x40
3300
0.026
0.052
2390
2200
0.026
0.052
2390
16x15
1500
0.046
0.092
1340
820
0.046
0.092
1360
16x20
2200
0.034
0.068
1730
1500
0.034
0.068
1730
16x25
2700
0.028
0.056
2070
1800
0.028
0.056
2070
16x31.5
3900
0.025
0.050
2350
2700
0.025
0.050
2350
16x35.5
4700
0.022
0.044
2550
3300
0.022
0.044
2550
16x40
5600
0.020
0.040
2900
3900
0.020
0.040
2900
18x15
1500
0.043
0.086
1490
1200
0.043
0.086
1500
18x20
2700
0.030
0.060
1870
1800
0.030
0.060
1890
18x25
3900
0.027
0.054
2160
2700
0.027
0.054
2180
18x31.5
4700
0.023
0.046
2450
3300
0.023
0.046
2470
18x35.5
6800
0.019
0.038
2730
3900
0.019
0.038
2740
18x40
8200
0.018
0.036
3060
4700
0.018
0.036
3070
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13DJ-CD287

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DJ-CD287 SUNTAN-TS13DJ-CD287_17 Datasheet
363Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

유사한 설명 - TS13DJ-CD287

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com