전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF2D-T1 데이터시트(PDF) 1 Page - Won-Top Electronics

부품명 UF2D-T1
상세설명  2.0A SURFACE MOUNT ULTRA FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF2D-T1 데이터시트(HTML) 1 Page - Won-Top Electronics

  UF2D-T1 Datasheet HTML 1Page - Won-Top Electronics UF2D-T1 Datasheet HTML 2Page - Won-Top Electronics UF2D-T1 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF2A – UF2K
1 of 3
© 2002 Won-Top Electronics
UF2A – UF2K
2.0A SURFACE MOUNT ULTRA FAST RECTIFIER
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop, High Efficiency
!
Surge Overload Rating to 50A Peak
D
!
Low Power Loss
A
!
Ultra-Fast Recovery Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
E
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
UF2A
UF2B
UF2D
UF2G
UF2J
UF2K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
V
Average Rectified Output Current
@TL = 90°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
@TA = 55°C
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
1.0
1.4
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance (Note 3)
RJL
20
K/W
Operating and Storage Temperature Range
Tj, TSTG
-50 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
WT E
PO W E R SEM IC ONDUCTORS
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.11
D
0.152
0.305
E
5.08
5.59
F
2.13
2.44
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


유사한 부품 번호 - UF2D-T1

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
UF2D-T3 WTE-UF2D-T3 Datasheet
56Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

유사한 설명 - UF2D-T1

제조업체부품명데이터시트상세설명
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US2JDFQ DIODES-US2JDFQ Datasheet
468Kb / 5P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
US2A GXELECTRONICS-US2A Datasheet
610Kb / 2P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
ES2A DIODES-ES2A Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
ES2G DIODES-ES2G Datasheet
57Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com