전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS9175CS-6TR 데이터시트(PDF) 3 Page - Silicon Standard Corp.

부품명 SS9175CS-6TR
상세설명  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9175CS-6TR 데이터시트(HTML) 3 Page - Silicon Standard Corp.

  SS9175CS-6TR Datasheet HTML 1Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 2Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 3Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 4Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 5Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 6Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 7Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 8Page - Silicon Standard Corp. SS9175CS-6TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
ELECTRICAL CHARACTERISTICS (VCC=12V, Ta=25°C)
Oscillator Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fosc-3
Oscillator frequency -3 version
Ta=25°C
270
300
330
KHz
Fosc-6
Oscillator frequency -6 version
Ta=25°C
550
600
650
KHz
Fosc-10
Oscillator frequency -10 version
Ta=25°C
920
1000
1080
KHz
fdv
Frequency change with VCC
VCC=4.5 to 16V
-
0.2
%
fdt
Frequency change with temp.
Ta=0 to 70°C
-
0.02
-
%/°C
DC Max
Maximum duty cycle
85
95
%
Error Amplifier Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vref
Internal reference voltage
Ta=25°C
0.693
0.7
0.707
V
Avol
Open-loop voltage gain
-
45
55
-
dB
BW
Unity gain bandwidth
-
0.7
1.2
-
MHz
PSRR
Power supply rejection ratio
-
50
-
-
dB
Isource
Output source current
mA
Isink
Output sink current
mA
VH COMP
Output voltage
V
VL COMP
Output voltage
mV
Output Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tr
Rising time
Ta=25°C, CL=10nF
-
20
50
nS
Tf
Falling time
Ta=25°C, CL=10nF
-
20
50
nS
IDH, CH
High side source current
1
A
IDH, DIS
High side sink current
1
A
Total Operating Current Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICC OP
Operating supply current
VCC=12V, OUTPUT=1000pF
-
5.0
mA
ICC SBY
Standby current (disabled)
0.5
mA
SS9175/6
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Test Condition
Value
Unit
Vcc
Supply voltage, VCC to GND
Low impedance source
20
V
PGND
PGND to GND
± 0.7
V
VBST
BST to PGND
30
V
RT j-a
Thermal resistance, Junction-air
90
°C/W
TJ
Operating junction temperature
-
-40 to +125
°C
TA
Operating ambient temperature
-
-30 to +85
°C
Tstg
Storage temperature range
-
-65 to +150
°C
ESD Capability, HBM model
2.0
kV
ESD Capability, Machine model
200
V
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
4.5
16
V
TA
Operating ambient temperature
0
70
°C
Rev.2.02 12/29/2003
PRELIMINARY


유사한 부품 번호 - SS9175CS-6TR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

유사한 설명 - SS9175CS-6TR

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com