전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X1205S8I 데이터시트(PDF) 6 Page - Xicor Inc.

부품명 X1205S8I
상세설명  Real Time Clock/Calendar
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XICOR [Xicor Inc.]
홈페이지  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1205S8I 데이터시트(HTML) 6 Page - Xicor Inc.

Back Button X1205S8I Datasheet HTML 2Page - Xicor Inc. X1205S8I Datasheet HTML 3Page - Xicor Inc. X1205S8I Datasheet HTML 4Page - Xicor Inc. X1205S8I Datasheet HTML 5Page - Xicor Inc. X1205S8I Datasheet HTML 6Page - Xicor Inc. X1205S8I Datasheet HTML 7Page - Xicor Inc. X1205S8I Datasheet HTML 8Page - Xicor Inc. X1205S8I Datasheet HTML 9Page - Xicor Inc. X1205S8I Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
X1205 – Preliminary Information
REV 1.0.9 8/29/02
Characteristics subject to change without notice.
6 of 22
www.xicor.com
INTERRUPT CONTROL REGISTER (INT)
Interrupt Control and Status Bits (IM, AL1E, AL0E)
There are two Interrupt Control bits, Alarm 1 Interrupt
Enable (AL1E) and Alarm 0 Interrupt Enable (AL0E) to
specifically enable or disable the alarm interrupt signal
output (IRQ). The interrupts are enabled when either the
AL1E and AL0E bits are set to “1”, respectively.
Two volatile bits (AL1 and AL0), associated with the two
alarms respectively, indicate if an alarm has happened.
These bits are set on an alarm condition regardless of
whether the IRQ interrupt is enabled. The AL1 and AL0
bits in the status register are reset by the falling edge of
the eighth clock of a read of the register containing the
bits.
Pulse Interrupt Mode
The pulsed interrupt mode allows for repetitive or
recurring alarm functionality. Hence an repetitive or
recurring alarm can be set for every nth second, or nth
minute, or nth hour, or nth date, or for the same day of
the week. The pulsed interrupt mode can be consid-
ered a repetitive interrupt mode, with the repetition
rate set by the time setting fo the alarm.
The Pulse Interrupt Mode is enabled when the IM bit is
set.
The Alarm IRQ output will output a single pulse of
short duration (approximately 10-40ms) once the
alarm condition is met. If the interrupt mode bit (IM bit)
is set, then this pulse will be periodic.
ON-CHIP OSCILLATOR COMPENSATION
Digital Trimming Register (DTR) — DTR2, DTR1
and DTR0 (Non-Volatile)
The digital trimming Bits DTR2, DTR1 and DTR0
adjust the number of counts per second and average
the ppm error to achieve better accuracy.
DTR2 is a sign bit. DTR2=0 means frequency
compensation is > 0. DTR2=1 means frequency
compensation is < 0.
DTR1 and DTR0 are scale bits. DTR1 gives 10 ppm
adjustment and DTR0 gives 20 ppm adjustment.
A range from -30ppm to +30ppm can be represented
by using three bits above.
Table 3. Digital Trimming Registers
Analog Trimming Register (ATR) (Non-volatile)
Six analog trimming Bits from ATR5 to ATR0 are pro-
vided to adjust the on-chip loading capacitance range.
The on-chip load capacitance ranges from 3.25pF to
18.75pF. Each bit has a different weight for capaci-
tance adjustment. In addition, using a Citizen CFS-206
crystal with different ATR bit combinations provides an
estimated ppm range from +116ppm to -37ppm to the
nominal frequency compensation. The combination of
digital and analog trimming can give up to +146ppm
adjustment.
The on-chip capacitance can be calculated as follows:
CATR = [(ATR value, decimal) x 0.25pF] + 11.0pF
Note that the ATR values are in two’s complement,
with ATR(000000) = 11.0pF, so the entire range runs
from 3.25pF to 18.75pF in 0.25pF steps.
The values calculated above are typical, and total load
capacitance seen by the crystal will include approxi-
mately 2pF of package and board capacitance in addi-
tion to the ATR value.
See Application section and Xicor’s Application Note
AN154 for more information.
IM Bit
Interrupt / Alarm Frequency
0
Single Time Event Set By Alarm
1
Repetitive / Recurring Time Event Set By Alarm
DTR Register
Estimated frequency
PPM
DTR2
DTR1
DTR0
0
0
0
0 (default)
0
1
0
+10
0
0
1
+20
0
1
1
+30
10
0
0
1
1
0
-10
1
0
1
-20
1
1
1
-30


유사한 부품 번호 - X1205S8I

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X1205S8I INTERSIL-X1205S8I Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205S8I RENESAS-X1205S8I Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Intersil Corporation
X1205S8IT1 INTERSIL-X1205S8IT1 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
X1205S8IZ INTERSIL-X1205S8IZ Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205S8IZ RENESAS-X1205S8IZ Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
More results

유사한 설명 - X1205S8I

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com