전자부품 데이터시트 검색엔진 |
|
X1227V8-2.7 데이터시트(PDF) 8 Page - Xicor Inc. |
|
X1227V8-2.7 데이터시트(HTML) 8 Page - Xicor Inc. |
8 / 28 page X1227 REV 1.1.20 1/13/03 Characteristics subject to change without notice. 8 of 28 www.xicor.com POWER ON RESET Application of power to the X1227 activates a Power On Reset Circuit that pulls the RESET pin active. This signal provides several benefits. – It prevents the system microprocessor from starting to operate with insufficient voltage. – It prevents the processor from operating prior to sta- bilization of the oscillator. – It allows time for an FPGA to download its configura- tion prior to initialization of the circuit. – It prevents communication to the EEPROM, greatly reducing the likelihood of data corruption on power up. When VCC exceeds the device VTRIP threshold value for typically 250ms the circuit releases RESET, allow- ing the system to begin operation. Recommended slew rate is between 0.2V/ms and 50V/ms. WATCHDOG TIMER OPERATION The watchdog timer is selectable. By writing a value to WD1 and WD0, the watchdog timer can be set to 3 dif- ferent time out periods or off. When the Watchdog timer is set to off, the watchdog circuit is configured for low power operation. Watchdog Timer Restart The Watchdog Timer is started by a falling edge of SDA when the SCL line is high and followed by a stop bit. The start signal restarts the watchdog timer counter, resetting the period of the counter back to the maximum. If another start fails to be detected prior to the watchdog timer expiration, then the RESET pin becomes active. In the event that the start signal occurs during a reset time out period, the start will have no effect. When using a single START to refresh watchdog timer, a STOP bit should be followed to reset the device back to stand-by mode. LOW VOLTAGE RESET OPERATION When a power failure occurs, and the voltage to the part drops below a fixed vTRIP voltage, a reset pulse is issued to the host microcontroller. The circuitry moni- tors the VCC line with a voltage comparator which senses a preset threshold voltage. Power up and power down waveforms are shown in Figure 4. The Low Voltage Reset circuit is to be designed so the RESET signal is valid down to 1.0V. When the low voltage reset signal is active, the operation of any in progress nonvolatile write cycle is unaffected, allowing a nonvolatile write to continue as long as possi- ble (down to the power on reset voltage). The low voltage reset signal, when active, terminates in progress commu- nications to the device and prevents new commands, to reduce the likelihood of data corruption. Figure 3. Watchdog Restart/Time Out tRSP<tWDO tRST RESET SDA tRSP Note: All inputs are ignored during the active reset period (tRST). tRST SCL tRSP>tWDO tRSP>tWDO Start Stop Start |
유사한 부품 번호 - X1227V8-2.7 |
|
유사한 설명 - X1227V8-2.7 |