전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6631-3CSTR 데이터시트(PDF) 6 Page - Silicon Standard Corp.

부품명 SS6631-3CSTR
상세설명  500mA Step-Up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6631-3CSTR 데이터시트(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6631-3CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6631-3CSTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS6631/6631A

!"
PIN DESCRIPTIONS
SS6631/-3/-5
("6$F"1",B*4) $#  "6 
   
 7   "
 + "#)
 :     2)
 +    
 + :  
 SS6631 is
2      2
  !*    )
 2   '
 "1",B*4   
 "62
  7   



.SS6631)
 2  2
  $µ 
"1",B*4    
 
("6.F"6
) " 
("6&F*C
) 4      : 
    B )

("6@F*G64 ) G  
 
("6;F#G64 ) G        
 "# "    
 2*G64+ )
 
("6%F13 )       )
    :  @;Ω
D6 EA."
+
13"$..
("6-F13"
)  +    
    :  
 +      
 $.. + )

("6<FH )   + 7
"# 
SS6631A
("6$F "1",B*4)
$ #  "6 
       
7 " +
  "#   :  
  2 +   
  + :  
    SS6631A 
2  2 )
  !*     2
  '"1",B*4
     "6  
27 




. SS6631A)
22
 $µ  "1",B*4  
 
("6.F "6
) " 
("6&F*C
)
4  :
 B
("6@F G64 ) G 
("6;F ?3
)
 +    
  ;+  )
?3: 8  
     +    
 ?3   +  + 
+   
H +  +   
9F
$
%$-

.
$

=

 $A 
?3H
.A    )
?3 
HA+
("6%F 13 )
  
  :  @;ΩD6 )
E  A. "  

+13"
$..
Rev.2.01 6/26/2003


유사한 부품 번호 - SS6631-3CSTR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results

유사한 설명 - SS6631-3CSTR

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com