전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6640-ACOTB 데이터시트(PDF) 8 Page - Silicon Standard Corp.

부품명 SS6640-ACOTB
상세설명  Low Voltage Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640-ACOTB 데이터시트(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6640-ACOTB Datasheet HTML 4Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 5Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 6Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 7Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 8Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 9Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 10Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 11Page - Silicon Standard Corp. SS6640-ACOTB Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
SS6640





%

   


 !"#
$

!"
PIN DESCRIPTIONS
B"  B
'/  .""'/

"  "&=5>
)  .B *' #/ 
B3  /*& 
J

#- 
'%&(
'/55&
6D

0
072

@0
@7

=
!"
APPLICATION INFORMATION
!"#"$% "$&' &#
The SS6640
 (#* = 6 >
5 ." &     9
B  *' #/95
95
5/&$ 6
9  9  5    
5   &5
=A > 3  $, &  
& 9  ,   
& 5
(#*5
5&
   6   
    6  
95959
   0<, / )   
00;Ω, 
)   5 9   
&0+,
*' #/8;µ7;µ/
   *' #/     
9)
*' #/      

    9    
 9

 /    
        9
  9&
5
Rev.2.01 6/26/2003


유사한 부품 번호 - SS6640-ACOTB

제조업체부품명데이터시트상세설명
logo
Sensitron
SS6640 SENSITRON-SS6640 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6640US SENSITRON-SS6640US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

유사한 설명 - SS6640-ACOTB

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com