전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6641-30CSTB 데이터시트(PDF) 10 Page - Silicon Standard Corp.

부품명 SS6641-30CSTB
상세설명  Low Voltage Step-Up DC/DC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641-30CSTB 데이터시트(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6641-30CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 12Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.SiliconStandard.com
10 of 13
SS6641










,
&& 
9=0'/>
&
0I
()
$
2
1
P


P
7
2
P







+

9

1
>
A
=A
E

+
=

AI 9AI0("

1I '?
0   9    
6=# >
#(I
>
$
=2
1

>
=0
P
>


=
P
7=>







+
×
+

09 6

()
+
+
+
+
+
+
=
























P
1
2

>Q





=
P
7
$
R2
P

>


=



P
1
2


 I 


&-  6575 &-
1       
96
#9& 
6 
     ) 
  '?  9   
 &     $ 
  6342     $
        $
  )  '?  9  
  )    (" 
 $)         
 /    ) 
.
,  ,$  )9 
)     & &
&&
0   9    
   '? 9 -    
&
+
+
=
>
1
P

A
A
$=
2
P
A
A

0



()
 −
7
$
2
P
1
P





1
P



=6>9 

1
>
A
=A
E

+
=

Rev.2.01 6/26/2003


유사한 부품 번호 - SS6641-30CSTB

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Sensitron
SS6640 SENSITRON-SS6640 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Silicon Standard Corp.
SS6640-27COTB SSC-SS6640-27COTB Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
SS6640-27COTR SSC-SS6640-27COTR Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
SS6640-27CSTB SSC-SS6640-27CSTB Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results

유사한 설명 - SS6641-30CSTB

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com